Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 306 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 306 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 302Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 303Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 304Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 305Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 306Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 307Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 308Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 309Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 310Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
292
The PCI Bus Request Cycle Diagram (Figure 32) illustrates the case when the
initiator is requesting the bus from the bus arbiter.
When the FREEDM-32P32 is the initiator, it requests the PCI bus by asserting its
REQB output to the central arbiter. The arbiter grants the bus to the FREEDM-
32P32 by asserting the GNTB line. The FREEDM-32P32 will wait till both the
FRAMEB and IRDYB lines are idle before starting its access on the PCI bus.
The arbiter can remove the GNTB signal at any time, but the FREEDM-32P32
will complete the current transfer before relinquishing the bus.
Figure 32 – PCI Bus Request Cycle
PCICLK
REQB
12
34
56
T
GNTB
FRAMEB
The PCI Initiator Abort Termination Diagram (Figure 33) illustrates the case when
the initiator aborts a transaction on the PCI bus.
An initiator may terminate a cycle if no target claims it within five clock cycles. A
target may not have responded because it was incapable of dealing with the
request or a bad address was generated by the initiator. IRDYB must be valid
one clock after FRAMEB is deasserted as in a normal cycle. When the
FREEDM-32P32 is the initiator and aborts the transaction, it reports the error
condition to the PCI Host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com