Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 304 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 304 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 300Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 301Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 302Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 303Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 304Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 305Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 306Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 307Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 308Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
290
Figure 29 – PCI Write Cycle
PCICLK
FRAMEB
AD[31:0]
C/BEB[3:0]
12
34
5
6
7
8
9
IRDYB
TRDYB
DEVSELB
T
Address Data 1
Data 2
Data 3
Byte En Byte En
Byte Enable
Bus Cmd
T
T
T
T
T
The PCI Target Disconnect (Figure 30) illustrates the case when the target wants
to prematurely terminate the current cycle. Note, when the FREEDM-32P32 is
the target, it never prematurely terminates the current cycle.
A target can terminate the current cycle by asserting the STOPB signal to the
initiator. Whether data is transferred or not depends on the state of the ready
signals at the time that the target disconnects. If the FREEDM-32P32 is the
initiator and the target terminates the current access, the FREEDM-32P32 will
retry the access after two PCI bus cycles.
During clock 1, an access is in progress.
During clock 2, the target indicates that it wishes to disconnect by asserting
STOPB. Data may be transferred depending on the state of the ready lines.
During clock 3, the initiator negates FRAMEB to signal the end of the cycle.
During clock 4, the target negates STOPB and DEVSELB in response to the
FRAMEB signal being negated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com