Electronic Components Datasheet Search
  English  ▼

X  

ADAQ7980 Datasheet(PDF) 4 Page - Analog Devices

Part # ADAQ7980
Description  Quad, 14-Bit, 4 MSPS, Simultaneous Sampling, μModule Data Acquisition Solution
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980 Datasheet(HTML) 4 Page - Analog Devices

  ADAQ7980 Datasheet HTML 1Page - Analog Devices ADAQ7980 Datasheet HTML 2Page - Analog Devices ADAQ7980 Datasheet HTML 3Page - Analog Devices ADAQ7980 Datasheet HTML 4Page - Analog Devices ADAQ7980 Datasheet HTML 5Page - Analog Devices ADAQ7980 Datasheet HTML 6Page - Analog Devices ADAQ7980 Datasheet HTML 7Page - Analog Devices ADAQ7980 Datasheet HTML 8Page - Analog Devices ADAQ7980 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Data Sheet
ADAQ4381-4
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 45
VS+ = REFIN = IN_LDO = EN_LDO = 5 V ± 5%, VCC = VLOGIC = 3.45 V (OUT_LDO), VS− = 0 V, reference voltage (VREF) = 3.3 V internal,
fSAMPLE = 4 MSPS, fully differential input configuration, full power mode, TA = 25°C , no oversampling, unless otherwise noted.
Table 2. Electrical Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ANALOG INPUT CHARACTERISTICS
Differential Input Voltage Range, VIN1
Gain = 0.3, VIN = 22 V p-p
−11
+11
V
Gain = 0.6, VIN = 11 V p-p
−5.5
+5.5
V
Gain = 1.0, VIN = 6.6 V p-p
−3.3
+3.3
V
Gain = 1.6, VIN = 4.125 V p-p
−2.0625
+2.0625
V
Input Resistance, RIN
Fully differential input configuration
Gain = 0.3, 0.6
5.40
kΩ
Gain = 1.0
3.24
kΩ
Gain = 1.6
2.026
kΩ
Single-ended input configuration
Gain = 0.3
3.05
kΩ
Gain = 0.6
3.32
kΩ
Gain = 1.0
2.16
kΩ
Gain = 1.6
1.46
kΩ
Input Capacitance
INX+, INX−
2
pF
THROUGHPUT
Complete Cycle
250
ns
Conversion Time
190
ns
Acquisition Phase
110
ns
Conversion Rate
4
MSPS
SAMPLING DYNAMICS
Aperture Delay
2
ns
Aperture Delay Match
46.8
145
ps
Aperture Jitter
20
ps
OVERALL SYSTEM DC ACCURACY
No Missing Codes
14
Bits
Differential Nonlinearity Error (DNL)
All gains, VS− = 0 V
−0.99
±0.4
+1
LSB
Integral Nonlinearity Error (INL)2
All gains, VS− = 0 V
−1
±0.3
+1
LSB
Gain Error
Gain = 0.3
−0.15
±0.002
+0.15
%FS
Gain = 0.6, 1.0, 1.6
−0.05
±0.003
+0.05
%FS
Gain Error Drift
All gains
±0.8
ppm/°C
Offset Error, Referred to Output (RTO)
Gain = 0.3
−0.65
±0.17
+0.65
mV
Gain = 0.6
−0.6
±0.16
+0.6
mV
Gain = 1.0
−0.75
±0.15
+0.75
mV
Gain = 1.6
−0.9
±0.13
+0.9
mV
Offset Error Drift
All gains
−2.0
±0.5
+2.0
µV/°C
Common-Mode Rejection Ratio (CMRR)
∆VICM/∆VOSDIFF
80
dB
Power-Supply Rejection Ratio
VS+, REFIN, IN_LDO = 4.75 V to 5.25 V, VS− = GND
95
dB
OVERALL SYSTEM AC ACCURACY3
Fully differential and single-ended input configuration
Dynamic Range
VIN = −60 dBFS, fIN = 1 kHz
Gain = 0.3, 0.6
85.3
dB
Gain = 1.0, 1.6
85.1
dB
Total RMS Noise, Referred to Output (RTO)
VIN = −60 dBFS, fIN = 1 kHz
Gain = 0.3, 0.6
126.7
μVRMS
Gain = 1.0, 1.6
129.7
μVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com