Electronic Components Datasheet Search
  English  ▼

X  

ADAQ7980 Datasheet(PDF) 7 Page - Analog Devices

Part # ADAQ7980
Description  Quad, 14-Bit, 4 MSPS, Simultaneous Sampling, μModule Data Acquisition Solution
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAQ7980 Datasheet HTML 3Page - Analog Devices ADAQ7980 Datasheet HTML 4Page - Analog Devices ADAQ7980 Datasheet HTML 5Page - Analog Devices ADAQ7980 Datasheet HTML 6Page - Analog Devices ADAQ7980 Datasheet HTML 7Page - Analog Devices ADAQ7980 Datasheet HTML 8Page - Analog Devices ADAQ7980 Datasheet HTML 9Page - Analog Devices ADAQ7980 Datasheet HTML 10Page - Analog Devices ADAQ7980 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Data Sheet
ADAQ4381-4
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 45
3 All AC specifications expressed in decibels are referred to full-scale input range (FSR) and are tested with an input signal of 0.5 dB below full scale, unless otherwise
specified.
4 Hysteresis in output voltage is created by package stress that differs depending on whether the IC is previously at a higher or lower temperature. Output voltage is always
measured at 25°C, but the IC is cycled to the hot or cold temperature limit before successive measurements. Hysteresis measures the maximum output change for the
averages of three hot or cold temperature cycles. For instruments that are stored at well controlled temperatures (within 20°C or 30°C degrees of operational temperature),
it is usually not a dominant error source. Typical hysteresis is the worst-case of 25°C to cold to 25°C or 25°C to hot to 25°C, preconditioned by one thermal cycle.
5 Maximum operating supply voltage, VS (VS+ − VS−) should not exceed 10 V.
6 The ADAQ4381-4 is rated for performance over extended industrial temperature range, TCASE = −40°C to +105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com