Electronic Components Datasheet Search
  English  ▼

X  

ADAQ7980 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAQ7980
Description  Quad, 14-Bit, 4 MSPS, Simultaneous Sampling, μModule Data Acquisition Solution
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980 Datasheet(HTML) 1 Page - Analog Devices

  ADAQ7980 Datasheet HTML 1Page - Analog Devices ADAQ7980 Datasheet HTML 2Page - Analog Devices ADAQ7980 Datasheet HTML 3Page - Analog Devices ADAQ7980 Datasheet HTML 4Page - Analog Devices ADAQ7980 Datasheet HTML 5Page - Analog Devices ADAQ7980 Datasheet HTML 6Page - Analog Devices ADAQ7980 Datasheet HTML 7Page - Analog Devices ADAQ7980 Datasheet HTML 8Page - Analog Devices ADAQ7980 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Data Sheet
ADAQ4381-4
Quad, 14-Bit, 4 MSPS, Simultaneous Sampling, µModule Data Acquisition Solution
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Easy to use μModule® data acquisition system
►
11× footprint reduction vs. discrete solution
►
Integrated critical passive components
►
5 V single-supply operation
►
Guaranteed 14-bit no missing codes
►
On-chip oversampling function
►
2-bit resolution boost
►
Out of range indicator (ALERT)
►
INL: ±0.3 LSB typical, ±1 LSB maximum
►
SNR (typical)
►
85 dB at gain = 1.0, fIN = 1 kHz
►
92.4 dB with OSR = ×8 at gain = 1.0, fIN = 1 kHz
►
Channel-to-channel phase matching: 0.005° typical at
fIN = 20 kHz
►
Integrated high precision reference, 3 ppm/oC typical drift
►
Gain error: 0.003% typical
►
Gain drift: 0.8 ppm/°C typical
►
Integrated internal buffer with VCM generation
►
Integrated fully differential ADC driver with signal scaling
►
Wide input common-mode voltage range
►
High common-mode rejection
►
Single-ended to differential conversion
►
Pin selectable input range with overrange
►
Input ranges: ±2 V, ±3.3 V, ±5.5 V, ±11 V
►
Gain/attenuation: G = 0.3, 0.6, 1.0, and 1.6
►
High-speed serial interface
►
8 mm x 8 mm, 0.8 mm pitch, 81-ball CSP_BGA package
APPLICATIONS
►
Lab grade battery test system
►
Motor control current sense
►
Motor control position feedback
►
Sonar
►
Power quality monitoring
►
Data acquisition system
►
Erbium-doped fiber amplifier (EDFA) applications
►
I and Q demodulation
GENERAL DESCRIPTION
The ADAQ4381-4 is a quad-channel precision data acquisition
(DAQ) signal chain μModule solution that reduces the development
cycle of a precision measurement system by transferring the signal
chain design challenges of component selection, optimization, and
layout from the designer to the device.
Using system-in-package (SIP) technology, the ADAQ4381-4
reduces end system component count by combining multiple com-
mon signal processing and conditioning blocks into a single device.
These blocks include a quad-channel, high resolution 14-bit, 4
MSPS simultaneous sampling SAR ADC, low noise, fully differential
ADC driver amplifier, a 3.3 V precision voltage reference, low noise
buffer amplifiers, and low-dropout linear regulator.
The ADAQ4381-4 has on-chip oversampling blocks to improve dy-
namic range and reduce noise at lower bandwidths. The oversam-
pling can boost up to two bits of added resolution. It provides the
flexibility of a configurable ADC driver feedback loop to allow four
gain and attenuation adjustments, and accept both fully differential
or single-ended to differential input configuration.
Using Analog Devices, Inc., iPassives® technology, the
ADAQ4381-4 incorporates critical passive components with
superior matching and drift characteristics to minimize temperature
dependent error sources and to offer optimized signal chain
performance. Housed in a small 8 mm × 8 mm × 0.8 mm pitch, 81-
ball CSP_BGA package, the ADAQ4381-4 enables compact design
without sacrificing performance and simplifies end system bill of
materials management. The ADAQ4381-4's optimum performance
is guaranteed with a single 5 V supply operation, all the required
bypass and decoupling capacitors are included inside the package.
The level of ADAQ4381-4 system integration solves many design
challenges, which enables a compact and simple solution for a
multichannel application.
The conversion result can clock out simultaneously through 4-wire
mode for faster throughput or through 1-wire serial mode when
slower throughput is allowed. The ADAQ4381-4 is compatible with
1.8 V, 2.5 V, and 3.3 V interfaces using the separate logic supply.
The ADAQ4381-4 is specified to operate over a temperature range
of −40°C to +105°C.
Table 1. µModule Data Acquisition Solutions
Type
500 kSPS
1 MSPS to 2 MSPS 4 MSPS
14-bit
ADAQ4381-4
16-bit
ADAQ7988
ADAQ4370-4
ADAQ7980
ADAQ4001
ADAQ4380-4
18-bit
ADAQ4003


Similar Part No. - ADAQ7980

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAQ7980 AD-ADAQ7980 Datasheet
1Mb / 49P
16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Rev. 0
ADAQ7980 AD-ADAQ7980 Datasheet
3Mb / 38P
16-Bit, 2 MSPS, 關Module Data Acquisition Solution
5/2021-Revision 0
ADAQ7980 AD-ADAQ7980 Datasheet
921Kb / 35P
18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
ADAQ7980 AD-ADAQ7980 Datasheet
3Mb / 45P
Quad, 16-Bit, 2 MSPS, Simultaneous Sampling, μModule Data-Acquisition Solution
Rev. 0
ADAQ7980BCCZ AD-ADAQ7980BCCZ Datasheet
1Mb / 49P
16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Rev. 0
More results

Similar Description - ADAQ7980

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7874 AD-AD7874 Datasheet
414Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV.C
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
5962-9152101MXA AD-5962-9152101MXA Datasheet
326Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874BNZ AD-AD7874BNZ Datasheet
326Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874SQ AD-AD7874SQ Datasheet
326Kb / 16P
LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
23-Feb-2017
ADAQ4001 AD-ADAQ4001 Datasheet
3Mb / 38P
16-Bit, 2 MSPS, 關Module Data Acquisition Solution
5/2021-Revision 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com