Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8608
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8608 Datasheet(HTML) 5 Page - Analog Devices

  LT8608 Datasheet HTML 1Page - Analog Devices LT8608 Datasheet HTML 2Page - Analog Devices LT8608 Datasheet HTML 3Page - Analog Devices LT8608 Datasheet HTML 4Page - Analog Devices LT8608 Datasheet HTML 5Page - Analog Devices LT8608 Datasheet HTML 6Page - Analog Devices LT8608 Datasheet HTML 7Page - Analog Devices LT8608 Datasheet HTML 8Page - Analog Devices LT8608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
5 of 31
(TJ = -40°C to +150°C, unless otherwise noted. Typical values are at TA. = 25°C. All voltages are referenced to GND,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
EN/UV Pin Threshold
VEN
EN/UV Rising
0.99
1.05
1.11
V
EN/UV Hysteresis
50
mV
EN/UV Pin Current
IEN
VEN/UV = 2V
400
nA
PG Upper Threshold
Offset from VFB
PGH
VFB Rising
5.0
7.5
10.0
%
PG Lower Threshold
Offset from VFB
PGL
VFB Falling
5.5
8.0
10.5
%
PG Hysteresis
PGHYS
0.5
%
PG Leakage
IPG-LKG
VPG = 42V
-200
+200
nA
PG Pull-Down
Resistance
RPG
VPG = 0.1V
500
1200
Ω
SYNC Threshold
VSYNC
SYNC DC and Clock Low Level
Voltage
0.4
0.9
V
SYNC Clock High Level Voltage
1.3
1.5
SYNC DC High Level Voltage
2.2
2.7
3.2
TR/SS Source Current
ISS
1.0
2.5
4.0
μA
TR/SS Pull-Down
Resistance
RSS
Fault Condition, TR/SS = 0.1V, TA =
+25°C
300
900
Ω
Spread-Spectrum
Modulation Frequency
fSSFM
VSYNC = 3.3V, TA = +25°C
1
3
6
kHz
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com