Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8608
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8608 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8608 Datasheet HTML 5Page - Analog Devices LT8608 Datasheet HTML 6Page - Analog Devices LT8608 Datasheet HTML 7Page - Analog Devices LT8608 Datasheet HTML 8Page - Analog Devices LT8608 Datasheet HTML 9Page - Analog Devices LT8608 Datasheet HTML 10Page - Analog Devices LT8608 Datasheet HTML 11Page - Analog Devices LT8608 Datasheet HTML 12Page - Analog Devices LT8608 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
9 of 31
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Figure 4. 12VIN to 5VOUT Efficiency vs. Frequency
Figure 5. 12VIN to 3.3VOUT Efficiency vs. Frequency
Figure 6. Efficiency at 5VOUT
Figure 7. Efficiency at 3.3VOUT
Figure 8. Light Load Efficiency at 5VOUT
Figure 9. Light Load Efficiency at 3.3VOUT
1.0
2.0
3.0
EFFICIENCY
POWER LOSS
L = XGL6060
400kHz, L = 6.8µH
1MHz, L = 3.3µH
2MHz, L = 1.5µH
LOAD CURRENT (A)
0
0.5
1.5
2.5
3.5
65
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
EFFICIENCY
POWER LOSS
L = XGL6060
400kHz, L = 6.8µH
1MHz, L = 3.3µH
2MHz, L = 1.5µH
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
65
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.0
2.0
3.0
EFFICIENCY
POWER LOSS
L = XGL6060, 3.3µH
fSW = 1MHz
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1.5
2.5
3.5
65
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.0
2.0
3.0
EFFICIENCY
POWER LOSS
L = XGL6060, 3.3µH
fSW = 1MHz
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1.5
2.5
3.5
65
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
12VIN
24VIN
36VIN
LOAD CURRENT (mA)
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
BURST MODE OPERATION
L = XGL6060-332ME, 3.3µH
fSW = 1MHz
BURST MODE OPERATION
L = XGL6060-332ME, 3.3µH
fSW = 1MHz
12VIN
24VIN
36VIN
LOAD CURRENT (mA)
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com