Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 30 Page - Analog Devices

Part # LT8608
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8608 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT8608 Datasheet HTML 23Page - Analog Devices LT8608 Datasheet HTML 24Page - Analog Devices LT8608 Datasheet HTML 25Page - Analog Devices LT8608 Datasheet HTML 26Page - Analog Devices LT8608 Datasheet HTML 27Page - Analog Devices LT8608 Datasheet HTML 28Page - Analog Devices LT8608 Datasheet HTML 29Page - Analog Devices LT8608 Datasheet HTML 30Page - Analog Devices LT8608 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
30 of 31
ORDERING GUIDE
Table 5. Ordering Guide
LEAD FREE FINISH
TAPE AND REEL
PART
MARKING
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
LT8615RUDM#PBF
LT8615RUDM#TRPBF
LHWC
16-Lead (3mm × 3mm)
Plastic QFN
–40°C to +150°C
AUTOMOTIVE PRODUCTS**
LT8615RUDM#WPBF
LT8615RUDM#WTRPBF
LHWC
16-Lead (3mm × 3mm)
Plastic QFN
–40°C to +150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified
by a label on the shipping container.
Tape and reel specifications.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements
of automotive applications. These models are designated with a #W suffix. Only the automotive grade products
shown are available for use in automotive applications. Contact your local Analog Devices account representative
for specific product ordering information and to obtain the specific Automotive Reliability reports for these models.
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT8608/ LT8608B
42V, 1.5A Synchronous Step-Down Regulator
with 2.5μA Quiescent Current
VIN(MIN) = 3.2V, VIN(MAX) = 42V, VOUT(MIN) =
0.778V, IQ= 2.5μA, ISD = 1μA, MSOP-10E,
2mm × 2mm DFN-8
LT8609/ LT8609A
42V, 3A, 94% Efficiency, 2.2MHz Synchronous
MicroPower Step-Down DC/DC Converter with
IQ = 2.5µA
VIN(MIN) = 3V, VIN(MAX) = 42V, VOUT(MIN) = 0.8V, IQ
= 2.5μA, ISD < 1μA, MSOP-10E, 3mm x
3mm DFN-10
LT8640A
42V, 5A/8A Peak Synchronous Step-Down
Silent Switcher with 2.5μA Quiescent Current
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ =
2.5μA, ISD < 1μA, 3mm × 4mm QFN-18
Package
LT8614
42V, 4A Synchronous Step-Down Silent
Switcher with 2.5μA Quiescent Current
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ =
2.5μA, ISD = 1μA, 3mm × 4mm QFN-18
Package
LT8610A/ LT8610AB
42V, 3.5A, 96% Efficiency, 2.2MHz
Synchronous MicroPower Step-Down DC/DC
Converter with IQ= 2.5μA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ =
2.5μA, ISD < 1μA, MSOP-16E Package
LT8610AC
42V, 3.5A, 96% Efficiency, 2.2MHz
Synchronous MicroPower Step-Down DC/DC
Converter with IQ = 2.5μA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 2.5μA,
ISD < 1μA, MSOP-16E Package
LT8611
42V, 2.5A, 96% Efficiency, 2.2MHz
Synchronous MicroPower Step-Down DC/DC
Converter with IQ = 2.5μA and Input/Output
Current Limit/Monitor
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ =
2.5μA, ISD < 1μA, 3mm × 5mm QFN-24
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com