Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 10 Page - Analog Devices

Part # LT8608
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8608 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8608 Datasheet HTML 6Page - Analog Devices LT8608 Datasheet HTML 7Page - Analog Devices LT8608 Datasheet HTML 8Page - Analog Devices LT8608 Datasheet HTML 9Page - Analog Devices LT8608 Datasheet HTML 10Page - Analog Devices LT8608 Datasheet HTML 11Page - Analog Devices LT8608 Datasheet HTML 12Page - Analog Devices LT8608 Datasheet HTML 13Page - Analog Devices LT8608 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
10 of 31
Figure 10. Feedback Reference Voltage
Figure 11. Load Regulation
Figure 12. Line Regulation
Figure 13. No-Load Supply Current in Regulation
Figure 14. No-Load Supply Current vs. Temperature
(Not Switching)
Figure 15. Top FET Current Limit vs Duty Cycle
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
782
783
784
785
786
787
788
789
790
791
792
VIN = 12V
VOUT = 3.3V
fSW = 2MHz
BURST MODE
PULSE-SKIP MODE
CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
VIN = 12V
VOUT = 3.3V
fSW = 2MHz
ILOAD = 1A
BURST MODE OPERATION
INPUT VOLTAGE (V)
0
6
12
18
24
30
36
42
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
L = XGL6060-152ME, 1.5µH
VOUT = 3.3V
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
VIN = 12V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
DUTY CYCLE
0.1
0.3
0.5
0.7
0.9
5.5
6.0
6.5
7.0
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com