Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8608
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8608 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8608 Datasheet HTML 14Page - Analog Devices LT8608 Datasheet HTML 15Page - Analog Devices LT8608 Datasheet HTML 16Page - Analog Devices LT8608 Datasheet HTML 17Page - Analog Devices LT8608 Datasheet HTML 18Page - Analog Devices LT8608 Datasheet HTML 19Page - Analog Devices LT8608 Datasheet HTML 20Page - Analog Devices LT8608 Datasheet HTML 21Page - Analog Devices LT8608 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
18 of 31
Figure 38. Burst Mode Operation
While in Burst Mode operation, the current limit of the top switch is approximately 1A, resulting in the output voltage
ripple shown in Figure 38. Increasing the output capacitance decreases the output ripple proportionally. As load
ramps upward from zero, the switching frequency increases, but only up to the switching frequency programmed by
the resistor at the RT pin, as shown in Table 4. The output load at which the LT8615 reaches the programmed
frequency varies based on input voltage, output voltage, and inductor choice.
For some applications, it is desirable for the LT8615 to operate in pulse-skipping mode. Pulse-skipping mode offers
two major differences from Burst Mode operation. First, the clock stays awake always and all switching cycles are
aligned to the clock. In this mode, much of the internal circuitry is awake always, increasing quiescent current to
several hundred µA. Second, full switching frequency is reached at lower output load than in Burst Mode operation,
as shown in Figure 37. To enable pulse-skipping mode, the SYNC pin is floated. To achieve spread-spectrum
modulation with pulse-skipping mode, the SYNC pin is tied high. While a clock is applied to the SYNC pin, the LT8615
also operates in pulse-skipping mode.
FB Resistor Network
The output voltage is programmed with a resistor divider between the output and the FB pin. Choose the resistor
values according to following equation.
R1 = R2 × (
VOUT
0.787V
− 1)
Reference designators refer to the Block Diagram 1% resistors are recommended to maintain output voltage
accuracy.
For low input quiescent current and good light-load efficiency, use large resistor values for the FB resistor divider.
The current flowing in the divider acts as a load current, and increases the no-load input current to the converter,
which is approximately given by the following equation.
IQ = 1.7µA + (
VOUT
R1 + R2
) × (
VOUT
VIN
) × (
1
n
)
where, 1.7μA is the quiescent current of the LT8615 and the second term is the current in the feedback divider
reflected to the input of the buck operating at its light load efficiency ‘n’. For a 5V application with R1 = 1M and R2 =
187k, the feedback divider draws 4.2μA. With VIN = 12V and n = 85%, this adds 2μA to the 1.7μA quiescent current,
12VIN TO 3.3VOUT AT 50mA
BURST MODE OPERATION
2µs/DIV
5V/DIV
500mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com