Electronic Components Datasheet Search
  English  ▼

X  

PT6520 Datasheet(PDF) 18 Page - Princeton Technology Corp

Part # PT6520
Description  LCD Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6520 Datasheet(HTML) 18 Page - Princeton Technology Corp

Back Button PT6520 Datasheet HTML 14Page - Princeton Technology Corp PT6520 Datasheet HTML 15Page - Princeton Technology Corp PT6520 Datasheet HTML 16Page - Princeton Technology Corp PT6520 Datasheet HTML 17Page - Princeton Technology Corp PT6520 Datasheet HTML 18Page - Princeton Technology Corp PT6520 Datasheet HTML 19Page - Princeton Technology Corp PT6520 Datasheet HTML 20Page - Princeton Technology Corp PT6520 Datasheet HTML 21Page - Princeton Technology Corp PT6520 Datasheet HTML 22Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6520 V1.6
- 18 -
February, 2006
LCD Driver IC
PT6520
ABSOLUTE MAXIMUM RATING
(Unless otherwise stated, Ta=25℃, VDD=0V)
Parameter
Symbol
Rating
Unit
Supply voltage (1)
VSS
-8.0 to 0.3
V
Supply voltage (2)
V5
-16.5 to 0.3
V
Supply voltage (3)
V1, V2, V3, V4
V5 to 0.3
V
Input voltage
VI
VSS –0.3 to 0.3
V
Output voltage
VO
VSS –0.3 to 0.3
V
Power dissipation
PD
250
mW
Operating temperature
Topr
-40 to 85
℃
Storage temperature
Tstg
-65 to 150
℃
Soldering temperature
Tsol
260
°C for 10 s (at leads)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com