Electronic Components Datasheet Search
  English  ▼

X  

PT6520 Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # PT6520
Description  LCD Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6520 Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button PT6520 Datasheet HTML 6Page - Princeton Technology Corp PT6520 Datasheet HTML 7Page - Princeton Technology Corp PT6520 Datasheet HTML 8Page - Princeton Technology Corp PT6520 Datasheet HTML 9Page - Princeton Technology Corp PT6520 Datasheet HTML 10Page - Princeton Technology Corp PT6520 Datasheet HTML 11Page - Princeton Technology Corp PT6520 Datasheet HTML 12Page - Princeton Technology Corp PT6520 Datasheet HTML 13Page - Princeton Technology Corp PT6520 Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6520 V1.6
- 10 -
February, 2006
LCD Driver IC
PT6520
RECOMMENDED SOFTWARE FLOWCHART
DELAY TIME>1ms
S ET C OMMAND 1
("Display Off " S tatus)
CLEAR DISPLAY RAM
(S ee Note 2)
S ET C OMMAND 1
("Display On" S tatus)
MA IN PROGRA M
END
INITIA L
SETTING
MAIN
LOOP
START
Notes:
1. Command 1: Display On/Off Commands
2. When IC power is applied for the first time, the contents of the Display RAM are not defined; thus, it
is strongly suggested that the contents of the Display RAM must be cleared during the initial setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com