Electronic Components Datasheet Search
  English  ▼

X  

PT6520 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT6520
Description  LCD Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6520 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT6520 Datasheet HTML 3Page - Princeton Technology Corp PT6520 Datasheet HTML 4Page - Princeton Technology Corp PT6520 Datasheet HTML 5Page - Princeton Technology Corp PT6520 Datasheet HTML 6Page - Princeton Technology Corp PT6520 Datasheet HTML 7Page - Princeton Technology Corp PT6520 Datasheet HTML 8Page - Princeton Technology Corp PT6520 Datasheet HTML 9Page - Princeton Technology Corp PT6520 Datasheet HTML 10Page - Princeton Technology Corp PT6520 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6520 V1.6
- 7 -
February, 2006
LCD Driver IC
PT6520
PIN DESCRIPTION
Pin Name
Function
DB0 ~ DB7
Data input
A0
Selection display data or instructions.
High: Display data. Low: Instruction.
RES
Reset the system and selects the interface type for a 68 port/80 port
MPU.
High: 68 port MPU interface.
Low: 80 port MPU interface.
(edge trigger)
OSC1
Oscillation input pin
E/RD
Read/Write Enable signal when a 68 port MPU is connected.
(Active-Low read enable signal when an 80 port MPU is connected)
RW/WR
Read/Write select signal when a 68 port MPU is connected.
High: read select. Low: write select.
(Active-Low write enable input when an 80 port MPU is connected.
Rising edge sensing)
OSC2
Oscillation output pin
FR
LCD Frame (AC-conversion) signal input/output
SEG0 ~ SEG60
Segment output for driving the LCD
COM0 ~ COM15
Common output for driving the LCD
COM31 ~COM16
Common output for driving the LCD
M/S
Master/Slave select signal
VDD
5V power supply
VSS
0V power supply (GND level)
V1, V2, V3, V4, V5 Power supplies for driving the LCD, VDD>V1>V2>V3>V4>V5
Note:
1. This is an example of PT6520 family pin assignment. The modified pin names are
given below.
Pin/Pad Number
Product Name
74
75
96 ~ 100, 1~ 11
93
94
95
PT6520
OSC1
OSC2
COM0 ~ COM15
M/S
V4
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com