Electronic Components Datasheet Search
  English  ▼

X  

PT6520 Datasheet(PDF) 19 Page - Princeton Technology Corp

Part # PT6520
Description  LCD Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6520 Datasheet(HTML) 19 Page - Princeton Technology Corp

Back Button PT6520 Datasheet HTML 15Page - Princeton Technology Corp PT6520 Datasheet HTML 16Page - Princeton Technology Corp PT6520 Datasheet HTML 17Page - Princeton Technology Corp PT6520 Datasheet HTML 18Page - Princeton Technology Corp PT6520 Datasheet HTML 19Page - Princeton Technology Corp PT6520 Datasheet HTML 20Page - Princeton Technology Corp PT6520 Datasheet HTML 21Page - Princeton Technology Corp PT6520 Datasheet HTML 22Page - Princeton Technology Corp PT6520 Datasheet HTML 23Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6520 V1.6
- 19 -
February, 2006
LCD Driver IC
PT6520
DC CHARACTERISTICS
(Unless otherwise stated, VDD=0V, VSS=-5/-3V, Ta=25℃)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Applicable
Pin
Recommended
-5.5
-5.0
-4.5
V
Operating
voltage (1)
(Note 1)
Potential
VSS
-7.0
-
-2.4
V
VSS
Recommended
-13
-
-3.5
V
Potential
V5
-13
-
-
V
V5
Potential
V1, V2
0.6xV5
-
VDD
V
V1, V2
Operating
voltage (2)
Potential
V3, V4
V5
-
0.4xV5
V
V3, V4
VIHT
VSS=-5V
VSS+2.0
-
VDD
VIHC
VSS=-5V
0.2xVSS
-
VDD
(Notes 2, 3)
VIHT
VSS=-3V
0.2xVSS
-
VDD
High input voltage
VIHC
VSS=-3V
0.2xVSS
-
VDD
(Notes 2, 3)
VILT
VSS=-5V
VSS
-
VSS+0.8
VILC
VSS=-5V
VSS
-
0.8xVSS
(Notes 2, 3)
VILT
VSS=-3V
VSS
-
0.85xVSS
Low input voltage
VILC
VSS=-3V
VSS
-
0.8xVSS
V
(Notes 2, 3)
VOHT
IOH=-3.0mA
VSS+2.4
-
-
VOHC1
IOH=-2.0mA
VSS+2.4
-
-
VOHC2
VSS=-5V
IOH=-120
µA
0.2xVSS
-
-
V
OSC2
(Notes 4, 5)
VOHT
IOH=-2mA
0.2xVSS
VOHC1
IOH=-2mA
0.2xVSS
High output voltage
VOHC2
VSS=-3V
IOH=-50
µA
0.2xVSS
V
OSC2
(Notes 4, 5)
VOLT
IOL=3.0mA
-
-
VSS+0.4
VOLT1
IOL=2.0mA
-
-
VSS+0.4
VOLT2
VSS=-5V
IOL=120µA
-
-
0.8xVSS
V
OSC2
(Notes 4, 5)
VOLT
IOL=2mA
0.8xVSS
VOLC1
IOL=2mA
0.8xVSS
Low output voltage
VOLC2
VSS=-3V
IOL=50
µA
0.8xVSS
V
OSC2
(Notes 4, 5)
Input leak current
ILI
-1
-
1
µA
(Note 6)
Output leak current
ILO
-3
-
3
µA
(Note 7)
V5=-5.0V
VSS=-5V
-
5
7.5
LCD driver ON resistance
RON
Ta=25
°C
V5=-3.5V
VSS=-5V
-
10
50
KΩ
SEG0~60
COM0~15
(Note 9)
Static current consumption
IDDQ
CS=CL=VDD
-
0.05
1
µA
VDD
fCL=2KHz
-
2.0
5.0
During display
V5=-5.0V
VSS=-5V
Rf=1M
Ω
-
9.5
15
µA
fCL=2KHz
-
1.5
4.5
During
IDD (1) During display
V5=-5V
VSS =-3V
Rf=1M
Ω
-
6.0
12
µA
VDD
(Notes
10, 11)
During access
Tcyc=200kHz, VS5=-5V
-
300
500
Dynamic current dissipation
IDD (2)
VSS=-3V, During access
Tcyc=200KHz, VSS=-3V
150
300
µA
VDD
(Note 8)
Input terminal capacity
CIN
Ta=25
°C, f=1MHz
-
5.0
8
pF
All input
terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com