Electronic Components Datasheet Search
  English  ▼

X  

PT6520 Datasheet(PDF) 20 Page - Princeton Technology Corp

Part # PT6520
Description  LCD Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6520 Datasheet(HTML) 20 Page - Princeton Technology Corp

Back Button PT6520 Datasheet HTML 16Page - Princeton Technology Corp PT6520 Datasheet HTML 17Page - Princeton Technology Corp PT6520 Datasheet HTML 18Page - Princeton Technology Corp PT6520 Datasheet HTML 19Page - Princeton Technology Corp PT6520 Datasheet HTML 20Page - Princeton Technology Corp PT6520 Datasheet HTML 21Page - Princeton Technology Corp PT6520 Datasheet HTML 22Page - Princeton Technology Corp PT6520 Datasheet HTML 23Page - Princeton Technology Corp PT6520 Datasheet HTML 24Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6520 V1.6
- 20 -
February, 2006
LCD Driver IC
PT6520
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Applicable
Pin
Rf=1M
Ω ±5%
VSS=-5.0V
12
17
21
Oscillation frequency
Fosc
Rf=1M
Ω ±5%
VSS=-3.0V
11
16
21
KHz
OSC2
(Notes 5, 6)
Hysteresis
VH
0.05VSS 0.1VSS
-
V
(Notes 2, 3,
4, 5)
Notes:
1. A wide range of operating voltages is guaranteed, except in case of abrupt voltage fluctuations
during MPU access.
2. A0, D0~D7, E, R/W pins
3. CL, FR, M/S and RES pins
4. D0~D7
5. FR
6. A0, E (or RD), R/W (or WR), M/S and RES.
7. When D0 to D7 and FR are high impedance.
8. During continual writer access at a frequency of tcyc. Current consumption during access is
effectively proportional to the access frequency.
9. For a voltage differential of 0.1V between input (V1, …, V4) and output (COM, SEG) pins. All
voltages within specified operating voltage range.
10. PT6520 only. Does not include transient currents due to stray and panel capacitances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com