Electronic Components Datasheet Search
  English  ▼

X  

CS81 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # CS81
Description  Semicustom CMOS Standard cell
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS81 Datasheet(HTML) 4 Page - fujitsu semiconductor

  CS81 Datasheet HTML 1Page - fujitsu semiconductor CS81 Datasheet HTML 2Page - fujitsu semiconductor CS81 Datasheet HTML 3Page - fujitsu semiconductor CS81 Datasheet HTML 4Page - fujitsu semiconductor CS81 Datasheet HTML 5Page - fujitsu semiconductor CS81 Datasheet HTML 6Page - fujitsu semiconductor CS81 Datasheet HTML 7Page - fujitsu semiconductor CS81 Datasheet HTML 8Page - fujitsu semiconductor CS81 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS81 Series
4
■ ABSOLUTE MAXIMUM RATINGS
*1 : VSS
= 0 V
*2 : Internal gate part in case of single power supply or dual power supply
*3 : I/O part in case 3.3 V I/F or 2.5 V I/F is used by dual power supply.
*4 : DC current which continues more than 10 ms, or average DC current
*5 : in case of I/O cell for clock input
*6 : bps
= bit per second
*7 : Supply pin current for one VDD/GND pin
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Rating
Unit
Min
Max
Supply voltage*1
VDD
−0.5
+2.5*2
V
+4.0*3
Input voltage*1
VI
−0.5
VDD
+0.5 ( ≤ 2.5 V) *2
V
VDD
+0.5 ( ≤ 4.0 V) *3
Output voltage*1
VO
−0.5
VDD
+0.5 ( ≤ 2.5 V) *2
V
VDD
+0.5 ( ≤ 4.0 V) *3
Storage temperature
Tst
−55
+125
°C
Junction temperature
Tj
−40
+125
°C
Output current*4
IO
⎯±4mA
Input signal transmitting rate
RI
⎯
Clock input*5 : 200
Normal input : 100
Mbps*6
Output signal transmitting rate
RO
⎯
100
Mbps*6
Output load capacitance
CO
⎯
3000/RO
pF
Supply pin current
ID
⎯
*7
mA
Frame
Source type
Maximum current [mA]
Number of
layer
Standard source Additional source
YS, YI
VDDE, VDDI, VDD, VSS
68
68
4, 5
VDDE
39
39
3
VDDI, VDD, VSS
68
68
BVDDE, VDDI, VDD, VSS
43
30
⎯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com