Electronic Components Datasheet Search
  English  ▼

X  

CS81 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # CS81
Description  Semicustom CMOS Standard cell
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS81 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button CS81 Datasheet HTML 4Page - fujitsu semiconductor CS81 Datasheet HTML 5Page - fujitsu semiconductor CS81 Datasheet HTML 6Page - fujitsu semiconductor CS81 Datasheet HTML 7Page - fujitsu semiconductor CS81 Datasheet HTML 8Page - fujitsu semiconductor CS81 Datasheet HTML 9Page - fujitsu semiconductor CS81 Datasheet HTML 10Page - fujitsu semiconductor CS81 Datasheet HTML 11Page - fujitsu semiconductor CS81 Datasheet HTML 12Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CS81 Series
8
• Dual power supply : VDDE
= 2.5 V, VDDI = 1.8 V / 1.5 V / 1.1 V
* : For details of YS, YI, B frame of CS81 series, contact Fujitsu.
(VDDE
= 2.5 V ± 0.2 V, VDDI = 1.8 V ± 0.15 V / 1.5 V ± 0.1 V / 1.1 V ± 0.1 V, VSS = 0 V, Tj = −40 °C to +125 °C)
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Supply Current
IDDS
⎯⎯
⎯
*mA
“H” level output voltage
VOH3
2.5 V Output IOH
= −100 µAVDDE − 0.2
⎯
VDDE
V
VOH2
1.8 V Output IOH
= −100 µAVDDI − 0.2
⎯
VDDI
V
“L” level output voltage
VOL3
2.5 V Output IOL
= 100 µA0
⎯
0.2
V
VOL2
1.8 V Output IOL
= 100 µA0
⎯
0.2
V
Input leakage current
IL
⎯⎯
⎯
±5
µA
Pull up/Pull down
resistance
RP
2.5 V
Pull up VIL=0
Pull down VIH=VDDE
⎯
25
⎯
k
Ω
1.8 V
Pull up VIL=0
Pull down VIH=VDDI
⎯
18
⎯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com