Electronic Components Datasheet Search
  English  ▼

X  

CS81 Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # CS81
Description  Semicustom CMOS Standard cell
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS81 Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button CS81 Datasheet HTML 4Page - fujitsu semiconductor CS81 Datasheet HTML 5Page - fujitsu semiconductor CS81 Datasheet HTML 6Page - fujitsu semiconductor CS81 Datasheet HTML 7Page - fujitsu semiconductor CS81 Datasheet HTML 8Page - fujitsu semiconductor CS81 Datasheet HTML 9Page - fujitsu semiconductor CS81 Datasheet HTML 10Page - fujitsu semiconductor CS81 Datasheet HTML 11Page - fujitsu semiconductor CS81 Datasheet HTML 12Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CS81 Series
10
2.
AC characteristics
*1 : Delay time
= propagation delay time, enable time, disable time
*2 : “typ” is calculated based on the cell specifications.
*3 : Measurement conditions.
Note : tpd max is calculated according to the maximum junction temperature (Tj) .
■ INPUT/OUTPUT PIN CAPACITANCE
Note : Capacitance varies according to the package and the location of the pin.
■ DESIGN METHOD
SCCAD2 is the standard cell integrated design environment providing three major functions, enabling high-
quality, large-scale system LSIs to be developed in a shorter period of time. They include: the timing driven
layout function for automatic placement/routing based on timing constraints to prevent timing problems after
layout, the function for shortening the development cycle time by dividing a large-scale circuit and performing
simultaneous logical/physical design of multiple circuits, and the function for automatically generating power/
signal wiring patterns while evaluating the supply voltage drop, signal noise, delay penalty, and crosstalk (Contact
your nearest Fujitsu office for more information and availability).
(VDD
= 1.8 V ± 0.15 V, VSS = 0 V, Tj = −40 °C to +125 °C)
Parameter
Symbol
Rating
Unit
Min
Typ
Max*
Delay time
tpd*1
typ*2
× tmin*3
typ*2
× ttyp*3
typ*2
× tmax*3
ns
Measurement condition
tmin
ttyp
tmax
VDD
= 1.8 V±0.15 V, VSS = 0 V, Tj = −40 °C to +125 °C
0.64
1.00
1.58
VDD
= 1.5 V±0.10 V, VSS = 0 V, Tj = −40 °C to +125 °C
0.83
1.31
2.05
VDD
= 1.1 V±0.10 V, VSS = 0 V, Tj = −40 °C to +125 °C
1.37
2.45
4.88
(Tj
= +25 °C, VDD = VI = 0 V, f = 1 MHz)
Parameter
Symbol
Requirements
Unit
Input pin
CIN
Max 16
pF
Output pin
COUT
Max 16
pF
I/O pin
CI/O
Max 16
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com