Electronic Components Datasheet Search
  English  ▼

X  

CS81 Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # CS81
Description  Semicustom CMOS Standard cell
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS81 Datasheet(HTML) 5 Page - fujitsu semiconductor

  CS81 Datasheet HTML 1Page - fujitsu semiconductor CS81 Datasheet HTML 2Page - fujitsu semiconductor CS81 Datasheet HTML 3Page - fujitsu semiconductor CS81 Datasheet HTML 4Page - fujitsu semiconductor CS81 Datasheet HTML 5Page - fujitsu semiconductor CS81 Datasheet HTML 6Page - fujitsu semiconductor CS81 Datasheet HTML 7Page - fujitsu semiconductor CS81 Datasheet HTML 8Page - fujitsu semiconductor CS81 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CS81 Series
5
■ RECOMMENDED OPERATING CONDITIONS
• Single power supply (VDD
= +1.8 V ± 0.15 V)
• Dual power supply (VDDE
= +3.3 V ± 0.3 V, VDDI = +1.8 V ± 0.15 V)
• Dual power supply (VDDE
= +3.3 V ± 0.3 V, VDDI = +1.5 V ± 0.1 V / +1.1 V ± 0.1 V)
(VSS
= 0 V)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Supply voltage (1.8 V supply voltage)
VDD
1.65
1.8
1.95
V
“H” level input voltage (1.8 V CMOS)
VIH
VDD
× 0.65
⎯
VDD
+ 0.3
V
“L” level input voltage (1.8 V CMOS)
VIL
−0.3
⎯
VDD
× 0.35
V
Junction temperature
Tj
−40
⎯+125
°C
(VSS
= 0 V)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Supply voltage
1.8 V supply voltage
VDDI
1.65
1.8
1.95
V
3.3 V supply voltage
VDDE
3.0
3.3
3.6
“H” level input voltage
1.8 V CMOS
VIH
VDDI
× 0.65
⎯
VDDI
+ 0.3
V
3.3 V CMOS
2.0
⎯
VDDE
+ 0.3
“L” level input voltage
1.8 V CMOS
VIL
−0.3
⎯
VDDI
× 0.35
V
3.3 V CMOS
−0.3
⎯+0.8
Junction temperature
Tj
−40
⎯+125
°C
(VSS
= 0 V)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Supply voltage
VDDE
3.0
3.3
3.6
V
VDDI
1.0
1.1
1.2
V
1.4
1.5
1.6
V
“H” level input voltage
3.3 V CMOS
VIH
2.0
⎯
VDDE
+ 0.3
V
“L” level input voltage
3.3 V CMOS
VIL
−0.3
⎯+0.8
V
Junction temperature
Tj
−40
⎯+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com