Electronic Components Datasheet Search
  English  ▼

X  

MCP2120 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP2120
Description  Infrared Encoder/Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 15Page - Microchip Technology MCP2120 Datasheet HTML 16Page - Microchip Technology MCP2120 Datasheet HTML 17Page - Microchip Technology MCP2120 Datasheet HTML 18Page - Microchip Technology MCP2120 Datasheet HTML 19Page - Microchip Technology MCP2120 Datasheet HTML 20Page - Microchip Technology MCP2120 Datasheet HTML 21Page - Microchip Technology MCP2120 Datasheet HTML 22Page - Microchip Technology MCP2120 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
 2004-2024 Microchip Technology Inc. and its subsidiaries
DS20001894D-page 19
MCP2122
DC Characteristics (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature: -40°C
 TA  +125°C (Extended)
Operating voltage VDD range as described in DC spec, Section 4.1
“DC Characteristics”.
Param
No.
Sym
Characteristic
Min
Typ (1)
Max
Units
Conditions
VOL
Output Low-Voltage
D080B
RX
—
—
0.6
V
IOL = 2 mA, VDD = 1.8V
D081
TXIR
—
—
0.6
V
IOL = 2 mA, VDD = 1.8V
VOH
Output High-Voltage
D090B
RX (2)
VDD – 0.7
—
—
V
IOH = -0.8 mA, VDD = 1.8V
D091
TXIR (2)
VDD – 0.7
—
—
V
IOH = -0.8 mA, VDD = 1.8V
Capacitive Loading Specs
on Output Pins
D101A
COUT
All Output pins
—
—
50
pF
D101B
CIN
All Input pins
—
7
—
pF
TA = +25
C, FC = 1.0 MHz
Note 1: Data in the Typical (“Typ”) column is based on characterization results at +25
C. This data is for design
guidance only and is not tested.
2: Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com