Electronic Components Datasheet Search
  English  ▼

X  

MCP2120 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2120
Description  Infrared Encoder/Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 7Page - Microchip Technology MCP2120 Datasheet HTML 8Page - Microchip Technology MCP2120 Datasheet HTML 9Page - Microchip Technology MCP2120 Datasheet HTML 10Page - Microchip Technology MCP2120 Datasheet HTML 11Page - Microchip Technology MCP2120 Datasheet HTML 12Page - Microchip Technology MCP2120 Datasheet HTML 13Page - Microchip Technology MCP2120 Datasheet HTML 14Page - Microchip Technology MCP2120 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2004-2024 Microchip Technology Inc. and its subsidiaries
DS20001894D-page 11
MCP2122
2.6
Host UART Interface
The UART interface is used to communicate with the
Host Controller. Though a UART is capable of a full-
duplex interface, the direct coupling to the IR encoder/
decoder allows only half-duplex operation (since the IR
side is either receiving or transmitting and not both at
the same time). This means that the system can’t
transmit and receive at the same time.
2.6.1
TRANSMITTING
When the controller sends serial data to the MCP2122,
the baud rates are required to match.
There will be some jitter on the detection of the high-to-
low edge of the start bit. This jitter will affect the place-
ment of the encoded start bit. All subsequent bits will be
16 BITCLK times later.
While RXIR is receiving data (low pulse), the TXIR pin
is disabled from transmitting.
2.6.2
RECEIVING
When the controller receives serial data from the
MCP2122, the baud rates are required to match.
There will be some jitter on the detection of the high-to-
low edge of the Start bit. This jitter will affect the
placement of the decoded Start bit. All subsequent bits
will be 16 BITCLK times later.
The TXIR pin is disabled when data is being received
(low pulse) on the RXIR pin.
2.7
IR Interface
The IR interface is used to communicate with the
optical receiver circuitry. The IR interface is either
transmitting data or receiving data (half-duplex).
2.8
Encoding/Decoding Jitter and
Offset
Figure 2-11 shows the jitter on the RXIR and TX pins,
along with the offset on the RX pin and the TXIR pin.
Jitter is the possible variation of the desired edge.
Figure 2-9 and Figure 2-10 show the jitter of the TX pin
(range is indicated by red dashed lines).
Offset is the propagation delay of the input signal (RXIR
or TX) to the output signal (RX or TXIR). Figure 2-9 and
Figure 2-10 show the offset of the TXIR pin from the
16XCLK signal that starts the bit time.
2.9
Minimizing Power
The device can be placed in a low-power mode by
forcing the RESET pin low. This disables the internal
state machine. To ensure that the lowest power
consumption is obtained, ensure that the 16XCLK pin
is not active and that the other input pins (TX and RXIR)
are at a logic-high or logic-low level.
2.9.1
RETURNING TO OPERATION
When returning to normal operation, the RESET pin
must be forced high and the 16XCLK signal should be
operating. Time should be given to ensure that the
16XCLK is stabilized at the desired frequency before
data is allowed to be transmitted or received.
FIGURE 2-11:
EFFECTS OF JITTER AND OFFSET
TX Jitter
3 16XCLK
BITCLK
RXIR
RX
TX
TXIR
16 16XCLK
16 16XCLK
3 16XCLK
16 16XCLK
RX Jitter
TX Offset
RX Offset
16 16XCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com