Electronic Components Datasheet Search
  English  ▼

X  

MCP2120 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP2120
Description  Infrared Encoder/Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 13Page - Microchip Technology MCP2120 Datasheet HTML 14Page - Microchip Technology MCP2120 Datasheet HTML 15Page - Microchip Technology MCP2120 Datasheet HTML 16Page - Microchip Technology MCP2120 Datasheet HTML 17Page - Microchip Technology MCP2120 Datasheet HTML 18Page - Microchip Technology MCP2120 Datasheet HTML 19Page - Microchip Technology MCP2120 Datasheet HTML 20Page - Microchip Technology MCP2120 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
 2004-2024 Microchip Technology Inc. and its subsidiaries
DS20001894D-page 17
MCP2122
4.1
DC Characteristics
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: -40
C  TA  +125C (Extended)
Param.
No.
Sym.
Characteristic
Min.
Typ. (1)
Max.
Units
Conditions
D001
VDD
Supply Voltage
1.8
—
5.5
V
See Figure 4-1
D010
IDD
Supply Current (2)
—0.1
1
mA
FOSC = 1.8432 MHz, VDD = 5.5V
(TX = H, RXIR = H)
Transmitter (TX = L, RXIR = H)
—
—
300
µA
FOSC = 1.8432 MHz, VDD = 1.8V (4)
——
1
mA
FOSC = 1.8432 MHz, VDD = 5.5V
Receiver (RXIR = L, TX = H)
—
—
500
µA
FOSC = 1.8432 MHz, VDD = 1.8V (4)
——
2
mA
FOSC = 1.8432 MHz, VDD = 5.5V
D020
IPD
Device Disabled
Current (3)
—
—
2
µA
VDD = 1.8V (4)
——
4
µA
VDD = 5.5V
Note 1: Data in the Typical (“Typ”) column is based on characterization results at +25
C. This data is for design
guidance only and is not tested.
2: The supply current is mainly a function of the operating voltage and frequency. Pin loading, pin rate and
temperature have an impact on the current consumption.
a) The test conditions for all IDD measurements are:
16XCLK = external square wave, from rail-to-rail; TX = VSS, RXIR = VSS, RESET = VDD.
3: The device disable current is mainly a function of the operating voltage. Temperature also has an impact
on the current consumption. When the device is disabled (RESET = VSS). The test conditions for all IDD
measurements
are:
16XCLK = external square wave, from rail-to-rail; TX = VSS, RXIR = VDD, RESET = VSS; The output pins
are driving a high or low level into infinite impedance.
4: These parameters (shaded) are characterized but are not tested. These values should be used for design
guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com