Electronic Components Datasheet Search
  English  ▼

X  

MCP2120 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2120
Description  Infrared Encoder/Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 1 Page - Microchip Technology

  MCP2120 Datasheet HTML 1Page - Microchip Technology MCP2120 Datasheet HTML 2Page - Microchip Technology MCP2120 Datasheet HTML 3Page - Microchip Technology MCP2120 Datasheet HTML 4Page - Microchip Technology MCP2120 Datasheet HTML 5Page - Microchip Technology MCP2120 Datasheet HTML 6Page - Microchip Technology MCP2120 Datasheet HTML 7Page - Microchip Technology MCP2120 Datasheet HTML 8Page - Microchip Technology MCP2120 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2004-2024 Microchip Technology Inc. and its subsidiaries
DS20001894D-page 1
MCP2122
Features
• Pinout Compatible with HSDL-7000
• Compliant with IrDA® Standard Physical Layer
Specification (version 1.3)
• UART to IrDA Standard Encoder/Decoder
- Interfaces with IrDA Standard Compliant
Transceiver
• Baud Rates:
- Up to IrDA Standard 115.2 Kbaud Operation
• Transmit/Receive Formats (Bit Width) Supported:
-1.63 µs
• Low-Power Mode (2 µA at 1.8V, +125°C)
• Pb-Free Packaging
CMOS Technology
• Low-Voltage Operation
• Extended Temperature Range
• Low Power Consumption
Package Types
Block Diagram
IrDA Family Selection
PDIP, SOIC
VSS
16XCLK
RESET
RXIR
TXIR
VDD
TX
RX
1
2
3
4
8
7
6
5
Encode
Decode
TX
TXIR
RX
RXIR
RESET
MCP2122
Reset
Baud Rate
Generator
Logic
16XCLK
Device
Baud Rate
Encoder
/
Decoder
Protocol
Layer
Handler
Clock
Source
Host UART
Baud Rate
Selection
Comment
Host
UART
IR
MCP2120 2400 -
312,500 (1)
2400 -
312,500 (1)
Yes
No
XTAL
HW/SW
MCP2122 2400 -
115,200 (1)
2400 -
115,200 (1)
Yes
No
16XCLK By 16XCLK Extended Temperature Range
(-40°C to +125°C)
MCP2140 9600
9600
Yes
IrCOMM(3)
XTAL
None - Fixed
MCP2150 9600 -
115,200 (2)
9600 -
115,200 (2)
Yes
IrCOMM(3)
XTAL
HW
Host UART easily interfaces to
a PC’s serial port (DTE)
MCP2155 9600 -
115,200 (2)
9600 -
115,200 (2)
Yes
IrCOMM(3)
XTAL
HW
Host UART easily interfaces to
a modem’s serial port (DCE)
Note 1: The host UART and the IR operate at the same baud rates.
2: The host UART and IR baud rates operate independent of each other.
3: Supports the 9-wire “cooked” service class of the IrCOMM Application Layer Protocol.
Infrared Encoder/Decoder


Similar Part No. - MCP2120

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
DEVELOPER?셎 KIT USER?셎 GUIDE
2001
MCP2120 MICROCHIP-MCP2120 Datasheet
404Kb / 34P
Infrared Encoder/Decoder
2004
MCP2120 MICROCHIP-MCP2120 Datasheet
768Kb / 36P
Infrared Encoder/Decoder
2007
MCP2120 MICROCHIP-MCP2120 Datasheet
798Kb / 38P
Infrared Encoder/Decoder
2007
MCP2120 MICROCHIP-MCP2120 Datasheet
624Kb / 36P
Infrared Encoder/Decoder
12/08/06
More results

Similar Description - MCP2120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
CTCSS ENCODER / DECODER
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
PROGRAMMABLE ENCODER/DECODER
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
ENCODER / DECODER
logo
Microchip Technology
MCP2122 MICROCHIP-MCP2122 Datasheet
404Kb / 34P
Infrared Encoder/Decoder
2004
MCP2120 MICROCHIP-MCP2120_07 Datasheet
768Kb / 36P
Infrared Encoder/Decoder
2007
MCP2122 MICROCHIP-MCP2122_07 Datasheet
798Kb / 38P
Infrared Encoder/Decoder
2007
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
Encoder/Decoder
logo
Microchip Technology
MCP2120-ISL MICROCHIP-MCP2120-ISL Datasheet
774Kb / 36P
Infrared Encoder/Decoder
12/08/06
MCP2120-I MICROCHIP-MCP2120-I Datasheet
624Kb / 36P
Infrared Encoder/Decoder
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com