Electronic Components Datasheet Search
  English  ▼

X  

MCP2120 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2120
Description  Infrared Encoder/Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 11Page - Microchip Technology MCP2120 Datasheet HTML 12Page - Microchip Technology MCP2120 Datasheet HTML 13Page - Microchip Technology MCP2120 Datasheet HTML 14Page - Microchip Technology MCP2120 Datasheet HTML 15Page - Microchip Technology MCP2120 Datasheet HTML 16Page - Microchip Technology MCP2120 Datasheet HTML 17Page - Microchip Technology MCP2120 Datasheet HTML 18Page - Microchip Technology MCP2120 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
 2004-2024 Microchip Technology Inc. and its subsidiaries
DS20001894D-page 15
MCP2122
4.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Ambient Temperature under bias ............................................................................................................-40°C to +125°C
Storage Temperature ..............................................................................................................................-65°C to +150°C
Voltage on VDD with respect to VSS ........................................................................................................... -0.3V to +6.5V
Voltage on RESET with respect to VSS ...................................................................................................... -0.3V to +14V
Voltage on all other pins with respect to VSS .................................................................................. -0.3V to (VDD + 0.3V)
Total Power Dissipation (1) ...................................................................................................................................800 mW
Maximum Current out of VSS pin...........................................................................................................................500 mA
Maximum Current into VDD pin .............................................................................................................................500 mA
Input Clamp Current, IIK (VI < 0 or VI > VDD)
 20 mA
Output Clamp Current, IOK (V0 < 0 or V0 > VDD)
 20 mA
Maximum Output Current sunk by any Output pin..................................................................................................25 mA
Maximum Output Current sourced by any Output pin.............................................................................................25 mA
Note 1: Power Dissipation is calculated as follows: PDIS = VDD x {IDD –
 IOH} +  {(VDD – VOH) x IOH} + (VOL x IOL)
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operation listings of this specification is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com