Electronic Components Datasheet Search
  English  ▼

X  

MCP2120 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP2120
Description  Infrared Encoder/Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 20Page - Microchip Technology MCP2120 Datasheet HTML 21Page - Microchip Technology MCP2120 Datasheet HTML 22Page - Microchip Technology MCP2120 Datasheet HTML 23Page - Microchip Technology MCP2120 Datasheet HTML 24Page - Microchip Technology MCP2120 Datasheet HTML 25Page - Microchip Technology MCP2120 Datasheet HTML 26Page - Microchip Technology MCP2120 Datasheet HTML 27Page - Microchip Technology MCP2120 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
MCP2122
DS20001894D-page 24
 2004-2024 Microchip Technology Inc. and its subsidiaries
FIGURE 4-6:
TX AND TXIR WAVEFORMS
TABLE 4-6:
TX AND TXIR REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: -40
C  TA  +125C (Extended)
Operating Voltage VDD range is described in
Section 4.1 “DC Characteristics”.
Param.
No.
Sym
Characteristic
Min
Typ (1)
Max
Units
Conditions
IR100A
TTXBIT
Transmit Baud Rate
—
16
—
TXCLK
IR100B
TTXIRBIT
Transmit Baud Rate
16
—
16
TXCLK
IR102A
ETXBIT
Host UART TX Error
—
—
± 2
%
Note 2, 3
IR102B
ETXIRBIT
TXIR Error from 16XCLK
—
0
—
%
Note 2, 4
IR113
TTXRF
TX pin rise time and fall
time
—
—
25
ns
Note 2
IR114
TTXPDIRJ
16XCLK to TX jitter
—
—
1
TXCLK Note 2
IR120 TTXL2TXIRH TX falling edge (
) to
TXIR rising edge (
) (1)
7—
8
TXCLK
IR121A
TTXIRPW
TXIR pulse width
3
—
3
TXCLK
 At 115200 baud
IR121B
1.41
3.5
5
µs
At 9600 baud (Note 5)
IR122
TTXIRP
TXIR bit period (1)
—16
—
TXCLK
IR123
TTXIRRF
TXIR pin rise time and fall
time
—
—
10
ns
50 pF load (Note 2)
Note 1: Data in the Typical (“Typ”) column is at 5V, +25
C, unless otherwise stated. These parameters are for
design guidance only and are not tested.
2: These parameters (shaded) are characterized but are not tested. These values should be used for design
guidance only.
3: The TX pin operation may be asynchronous to the 16XCLK pin. This is the error from the desired baud rate
for the system.
4: The TXIR pin operation is synchronous to the 16XCLK pin. Any error present on the 16XCLK pin
(Parameter 1C) will be refelected on the TXIR pin.
5: This specification is not tested. This value is from the design target.
16XCLK
TX
TXIR
01
0
0
0
1
IR100
IR121
Bit
Bit
Bit
Bit
Bit ...
IR122
IR122
IR122
IR122
IR122
IR122
IR114
IR113
IR113
IR115
IR120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com