Electronic Components Datasheet Search
  English  ▼

X  

ADF4382 Datasheet(PDF) 39 Page - Analog Devices

Part # ADF4382
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADF4382 Datasheet HTML 35Page - Analog Devices ADF4382 Datasheet HTML 36Page - Analog Devices ADF4382 Datasheet HTML 37Page - Analog Devices ADF4382 Datasheet HTML 38Page - Analog Devices ADF4382 Datasheet HTML 39Page - Analog Devices ADF4382 Datasheet HTML 40Page - Analog Devices ADF4382 Datasheet HTML 41Page - Analog Devices ADF4382 Datasheet HTML 42Page - Analog Devices ADF4382 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
Data Sheet
ADF4382
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 39 of 83
Timed Synchronization Method
The timed synchronization method uses an external synchroniza-
tion signal to synchronize multiple ADF4382 devices, which is the
more traditional method for synchronization of devices. This method
requires an additional external signal from the clock distribution
device to provide the synchronization signal. Each synchronization
signal must be matched for accurate output phase matching. A
rising edge of the synchronization pulse on the SYNC pin of the
ADF4382 triggers the start of the synchronization process, which
then puts the device into a reset state. On the falling edge of the
synchronization pulse, the RFOUT signal phase on each ADF4382
is then aligned to a known phase relative to the reference phase.
The following steps outline the procedure to perform a timed syn-
chronization with two ADF4382 devices in the configuration shown
in Figure 80:
1. Set up the HMC7044B as follows:
a. Set the channels used as a reference to the ADF4382 to
asynchronous mode (for example, set Register 0x00C8 to
0xF3 for Channel 0).
b. Set the divider ratio of the reference channels to 16 for a
reference frequency of 250 MHz (for example, set Register
0x00C9 for Channel 0).
c. Set the channels used as a SYNC signal to the ADF4382 to
dynamic mode (for example, set Register 0x00D2 to 0xFF).
d. Set the divider ratio of the SYNC channels to 8.
e. Set the SYSREF timer (Register 0x005B and Register
0x005C ) value of the HMC7044B the same as the divider
value of the SYNC channels.
f. Set the pulse mode selection to pulse (set Register 0x005A
to 0x01).
g. Send a reseed request to start the references by setting the
reseed request to 1 and then 0 by setting Register 0x001 to
0x80 then setting to 0x00.
2. Set up the ADF4382 as follows:
a. Set TIMED_SYNC (Register 0x01E, Bit 5) = 1.
b. Set EN_REF_RST (Register 0x01E, Bit 6) = 1.
c. Set EN_PHASE_RESYNC (Register 0x01E, Bit 7) = 1.
d. Set SYNC_SEL (Register 0x053, Bit 5) = 0.
e. Set R_DIV (Register 0x020, Bits[5:0]) = 4.
f. Set EN_DRCLK (Register 0x02D, Bit 6) = 1.
g. Verify that the ADF4382 devices are locked.
3. Synchronize both ADF4382 devices as follows:
a. Verify that both ADF4382 outputs are not synchronized.
b. Send a pulse generator request to the HMC7044B by tog-
gling Register 0x001 data from 0x04 to 0x00.
c. Verify that both outputs on both ADF4382 devices is now
phase synchronized.
Figure 80. Timed Synchronization Configuration
PHASE SYNCHRONIZATION SETTINGS
To optimize phase noise and spurious performance on the
ADF4382, there are a number of bit fields that must be program-
med based on the fPFD used. Table 26 shows the optimal settings
for phase synchronization.
Table 26. Phase Synchronization Settings
PFD Frequency
RDIV = 3, 6, 12, 14, 15, 24, 26 to 31, 46, 48 to 63
RDIV = 1, 2, 4, 5, 7 to 11, 13, 16 to 23, 25, 32 to 45, 47
REF_CK_FALL
REF_DC_SEL
xx_DEL1
REF_CK_FALL
REF_DC_SEL
xx_DEL1
fPFD ≥ 225 MHz
0
0
3
0
0
3
200 MHz ≤ fPFD < 225 MHz
0
0
4
0
0
4
148 MHz ≤ fPFD < 200 MHz
1
3
1
1
3
0
130 MHz ≤ fPFD < 148 MHz
1
3
3
1
3
1
85 MHz ≤ fPFD < 130 MHz
1
3
4
1
3
1
fPFD < 85 MHz
1
2
0
1
2
1
1 xx_DEL denotes SYNC_DEL, DNCLK_DEL, and DRCLK_DEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com