Electronic Components Datasheet Search
  English  ▼

X  

ADF4382 Datasheet(PDF) 42 Page - Analog Devices

Part # ADF4382
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADF4382 Datasheet HTML 38Page - Analog Devices ADF4382 Datasheet HTML 39Page - Analog Devices ADF4382 Datasheet HTML 40Page - Analog Devices ADF4382 Datasheet HTML 41Page - Analog Devices ADF4382 Datasheet HTML 42Page - Analog Devices ADF4382 Datasheet HTML 43Page - Analog Devices ADF4382 Datasheet HTML 44Page - Analog Devices ADF4382 Datasheet HTML 45Page - Analog Devices ADF4382 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 83 page
background image
Data Sheet
ADF4382
REGISTER MAP
analog.com
Rev. 0 | 42 of 83
Table 28. ADF4382 Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x000 REG0000
[7:0]
SOFT_RES
ET_R
LSB_FIRST
_R
ADDRESS_
ASCENSIO
N_R
SDO_ACTIV
E_R
SDO_ACTIV
E
ADDRESS_
ASCENSIO
N
LSB_FIRST
SOFT_RES
ET
0x00
R/W
0x001 REG0001
[7:0]
SINGLE_IN
STRUCTION
0
MAIN_READ
BACK_CON
TROL
0
RESERVED 0
0
RESERVED 0x00
R/W
0x003 REG0003
[7:0]
RESERVED
CHIP_TYPE
0x00
R
0x004 REG0004
[7:0]
PRODUCT_ID[7:0]
0x00
R
0x005 REG0005
[7:0]
PRODUCT_ID[15:8]
0x00
R
0x00A REG000A
[7:0]
SCRATCHPAD
0x00
R/W
0x00C REG000C
[7:0]
VENDOR_ID[7:0]
0x56
R
0x00D REG000D
[7:0]
VENDOR_ID[15:8]
0x04
R
0x010 REG0010
[7:0]
N_INT[7:0]
0x80
R/W
0x011 REG0011
[7:0]
RFOUT_DIV
INV_RFOUT
N_INT[11:8]
0x00
R/W
0x012 REG0012
[7:0]
FRAC1WORD[7:0]
0x00
R/W
0x013 REG0013
[7:0]
FRAC1WORD[15:8]
0x00
R/W
0x014 REG0014
[7:0]
FRAC1WORD[23:16]
0x00
R/W
0x015 REG0015
[7:0]
M_VCO_BA
ND[0]
M_VCO_CO
RE
RESERVED
INT_MODE
PFD_POL
FRAC1WOR
D[24]
0x00
R/W
0x016 REG0016
[7:0]
M_VCO_BAND[8:1]
0x00
R/W
0x017 REG0017
[7:0]
FRAC2WORD[7:0]
0x00
R/W
0x018 REG0018
[7:0]
FRAC2WORD[15:8]
0x00
R/W
0x019 REG0019
[7:0]
FRAC2WORD[23:16]
0x00
R/W
0x01A REG001A
[7:0]
MOD2WORD[7:0]
0x00
R/W
0x01B REG001B
[7:0]
MOD2WORD[15:8]
0x00
R/W
0x01C REG001C
[7:0]
MOD2WORD[23:16]
0x00
R/W
0x01D REG001D
[7:0]
BLEED_I[7:0]
0x00
R/W
0x01E REG001E
[7:0]
EN_PHASE
_RESYNC
EN_REF_R
ST
TIMED_SYN
C
BLEED_I[12:8]
0x00
R/W
0x01F REG001F
[7:0]
SW_SYNC
RESERVED BLEED_POL EN_BLEED
CP_I
0x00
R/W
0x020 REG0020
[7:0]
EN_AUTOC
AL
EN_RDBLR
R_DIV
0x01
R/W
0x021 REG0021
[7:0]
PHASE_WORD[7:0]
0x00
R/W
0x022 REG0022
[7:0]
PHASE_WORD[15:8]
0x00
R/W
0x023 REG0023
[7:0]
PHASE_WORD[23:16]
0x00
R/W
0x024 REG0024
[7:0]
REF_CK_FA
LL
REF_DC_SEL
DCLK_DIV_
SEL
DNCLK_DIV1
DCLK_DIV1
0x00
R/W
0x025 REG0025
[7:0]
RESYNC_WAIT[7:0]
0x00
R/W
0x026 REG0026
[7:0]
RESYNC_WAIT[15:8]
0x00
R/W
0x027 REG0027
[7:0]
0xF
0x0
0x00
R/W
0x028 REG0028
[7:0]
PHASE_RE
SYNC_RB_
SEL
LSB_P1
VAR_MOD_
EN
DITHER1_SCALE
EN_DITHER
2
EN_DITHER
1
0x00
R/W
0x029 REG0029
[7:0]
RFOUT2_OPWR
RFOUT1_OPWR
0x00
R/W
0x02A REG002A
[7:0]
0
0
1
PD_SYNC
0
PD_RDET
PD_ADC
0
0x04
R/W
0x02B REG002B
[7:0]
PD_ALL
PD_RDIV
PD_NDIV
PD_VCO
PD_LD
PD_PFDCP
PD_RFOUT
1
PD_RFOUT
2
0x83
R/W
0x02C REG002C
[7:0]
LDWIN_PW
LD_COUNT
0x00
R/W
0x02D REG002D
[7:0]
EN_DNCLK
EN_DRCLK
EN_LOL
EN_LDWIN
0
RST_LD
0
1
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com