Electronic Components Datasheet Search
  English  ▼

X  

ADF4382 Datasheet(PDF) 49 Page - Analog Devices

Part # ADF4382
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADF4382 Datasheet HTML 45Page - Analog Devices ADF4382 Datasheet HTML 46Page - Analog Devices ADF4382 Datasheet HTML 47Page - Analog Devices ADF4382 Datasheet HTML 48Page - Analog Devices ADF4382 Datasheet HTML 49Page - Analog Devices ADF4382 Datasheet HTML 50Page - Analog Devices ADF4382 Datasheet HTML 51Page - Analog Devices ADF4382 Datasheet HTML 52Page - Analog Devices ADF4382 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
Data Sheet
ADF4382
REGISTER MAP
analog.com
Rev. 0 | 49 of 83
Table 34. Bit Descriptions for REG000A
Bits
Bit Name
Description
Reset
Access
[7:0]
SCRATCHPAD
SPI SCRATCHPAD.
0x0
R/W
Address: 0x00C, Reset: 0x56, Name: REG000C
Table 35. Bit Descriptions for REG000C
Bits
Bit Name
Description
Reset
Access
[7:0]
VENDOR_ID[7:0]
Vendor ID = 0x0456.
0x56
R
Address: 0x00D, Reset: 0x04, Name: REG000D
Table 36. Bit Descriptions for REG000D
Bits
Bit Name
Description
Reset
Access
[7:0]
VENDOR_ID[15:8]
Vendor ID = 0x0456.
0x4
R
Address: 0x010, Reset: 0x80, Name: REG0010
Table 37. Bit Descriptions for REG0010
Bits
Bit Name
Description
Reset
Access
[7:0]
N_INT[7:0]
12 Bit Integer Word for N-divider. Writing to Register 0x10 triggers autocalibration when EN_AUTOCAL = 1.
0x80
R/W
Address: 0x011, Reset: 0x00, Name: REG0011
Table 38. Bit Descriptions for REG0011
Bits
Bit Name
Description
Reset
Access
[7:5]
RFOUT_DIV
RFOUT Divider.
0x0
R/W
000: Divide by 1.
001: Divide by 2.
010: Divide by 4.
011: Divide by 8.
100: Divide by 16.
4
INV_RFOUT
Invert RFOUT1 and RFOUT2.
0x0
R/W
0: RFOUT1, RFOUT2 not inverted.
1: RFOUT1, RFOUT2 inverted.
[3:0]
N_INT[11:8]
12 Bit Integer Word for N-divider. Writing to Register 0x10 triggers autocalibration when EN_AUTOCAL = 1.
0x0
R/W
Address: 0x012, Reset: 0x00, Name: REG0012
Table 39. Bit Descriptions for REG0012
Bits
Bit Name
Description
Reset
Access
[7:0]
FRAC1WORD[7:0]
25 Bit N-Divider Frac1 Word.
0x0
R/W
Address: 0x013, Reset: 0x00, Name: REG0013
Table 40. Bit Descriptions for REG0013
Bits
Bit Name
Description
Reset
Access
[7:0]
FRAC1WORD[15:8]
25 Bit N-Divider Frac1 Word.
0x0
R/W
Address: 0x014, Reset: 0x00, Name: REG0014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com