Electronic Components Datasheet Search
  English  ▼

X  

ADF4382 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4382
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382 Datasheet(HTML) 3 Page - Analog Devices

  ADF4382 Datasheet HTML 1Page - Analog Devices ADF4382 Datasheet HTML 2Page - Analog Devices ADF4382 Datasheet HTML 3Page - Analog Devices ADF4382 Datasheet HTML 4Page - Analog Devices ADF4382 Datasheet HTML 5Page - Analog Devices ADF4382 Datasheet HTML 6Page - Analog Devices ADF4382 Datasheet HTML 7Page - Analog Devices ADF4382 Datasheet HTML 8Page - Analog Devices ADF4382 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
Data Sheet
ADF4382
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 83
3.3 V Supply Group 1 pins voltage (V3.3V_1) = 3.3 V Supply Group 2 pins voltage (V3.3V_2) = 3.15 V to 3.45 V, V5_VCO voltage (V5V_VCO) =
5V_CP voltage (V5V_CP) = 5V_CAL voltage (V5V_CAL) = 4.75 V to 5.25 V, all voltages are with respect to GND, and TA = −40°C to +105°C,
operating temperature range, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUTS (REFP AND REFN)
Input Frequency
fREF
10
4500
MHz
Input Signal Level
VREF
0.5
2.6
V p-p
Refer to Figure 51
Minimum Input Slew Rate
100
V/μs
Input Duty Cycle
50
%
Self Bias Voltage
1.85
V
Input Resistance
3
kΩ
Differential
Input Capacitance
1
pF
Differential
Input Current
2
µA
REFERENCE PEAK DETECTOR
Input Frequency
10
4500
MHz
Minimum Input Signal Detected (REF_OK = 1)
200
mV p-p
fREF = 100 MHz, single-ended sine wave
Maximum Input Signal Not Detected (REF_OK = 0)
160
mV p-p
fREF = 100 MHz, single-ended sine wave
REFERENCE DIVIDER
1
63
All integers included
REFERENCE DOUBLER
Input Frequency
10
2000
MHz
EN_RDBLR = 1
PHASE/FREQUENCY DETECTOR (PFD)
Input Frequency
fPFD
Integer Mode
5.4
625
MHz
Integer mode, for all values of the N divider,
excluding 15 and 28 to 31
5.4
540
MHz
For the N divider values 15 and 28 to 31
Fractional Mode
5.4
250
MHz
EFM3_MODE = 0 and EFM3_MODE = 4
5.4
220
MHz
EFM3_MODE = 5
SYNCHRONIZATION INPUTS (SYNCP AND SYNCN)
Input Signal Level
VREF
0.4
2.6
V p-p
Low voltage differential signaling (LVDS)
mode, differential
0.5
2.6
V p-p
Current mode logic (CML) mode, differential
Self Bias Voltage
1.3
V
LVDS mode
1.85
V
CML mode
Synchronization to Reference Setup Time
400
ps
Common-mode voltage (VCM) set to self bias
voltage, VCM = 0.8 V p-p
Synchronization to Reference Hold Time
600
ps
VCM set to self bias voltage, VCM = 0.8 V p-p
Input Resistance
3
kΩ
Differential
Input Capacitance
1
pF
Differential
Input Current
3
μA
CHARGE PUMP (CP)
Output Current
ICP
Minimum
0.79
mA
Set by the CP_I bit fields
Maximum
11.1
mA
Set by the CP_I bit fields
Output Current Source and Sink
Accuracy
±2
%
All setting, CP voltage (VCP) = VCP/2
Matching
±2
%
All setting, VCP = VCP/2
Output Current vs. Output Voltage Sensitivity
0.2
% V/V
VCP1
Output Current vs. Temperature
280
ppm/C
VCP = VCP/2
Output High-Z Leakage Current
−0.01
μA
Minimum ICP, VCP1
−0.3
μA
Maximum ICP, VCP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com