Electronic Components Datasheet Search
  English  ▼

X  

ADF4382 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4382
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382 Datasheet(HTML) 1 Page - Analog Devices

  ADF4382 Datasheet HTML 1Page - Analog Devices ADF4382 Datasheet HTML 2Page - Analog Devices ADF4382 Datasheet HTML 3Page - Analog Devices ADF4382 Datasheet HTML 4Page - Analog Devices ADF4382 Datasheet HTML 5Page - Analog Devices ADF4382 Datasheet HTML 6Page - Analog Devices ADF4382 Datasheet HTML 7Page - Analog Devices ADF4382 Datasheet HTML 8Page - Analog Devices ADF4382 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
Data Sheet
ADF4382
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Output frequency range: 687.5 MHz to 22 GHz
►
Integrated RMS jitter at 20 GHz = 20 fs (integration bandwidth:
100 Hz to 100 MHz)
►
Integrated RMS jitter at 20 GHz = 31 fs (ADC SNR method)
►
VCO fast calibration time < 1 μs
►
VCO autocalibration time < 100 μs
►
Phase noise floor: −156 dBc/Hz at 20 GHz
►
PLL specifications
►
−239 dBc/Hz: normalized in-band phase noise floor
►
−287 dBc/Hz: normalized 1/f phase noise floor
►
625 MHz maximum phase/frequency detector input frequency
►
4.5 GHz reference input frequency
►
Typical spurious fPFD: −90 dBc
►
Reference to output delay specifications
►
Propagation delay temperature coefficient: 0.06 ps/°C
►
Adjustment step size: <1 ps
►
Multichip output phase alignment
►
3.3 V and 5 V power supplies
►
ADIsimPLL™ loop filter design tool support
►
7 mm × 7 mm, 48-terminal LGA
►
−40°C to +105°C operating temperature
APPLICATIONS
►
High performance data converter clocking
►
Wireless infrastructure (MC-GSM, 5G, 6G)
►
Test and measurement
GENERAL DESCRIPTION
The ADF4382 is a high performance, ultra-low jitter, fractional-N
phased-locked loop (PLL) with an integrated voltage controlled
oscillator (VCO) ideally suited for local oscillator (LO) generation
for 5G applications or data converter clock applications. The high
performance PLL has a figure of merit of −239 dBc/Hz, low 1/f
noise and high PFD frequency of 625 MHz in integer mode that can
achieve ultra-low in-band noise and integrated jitter. The ADF4382
can generate frequencies in a fundamental octave range of 11 GHz
to 22 GHz, thereby eliminating the need for subharmonic filters. The
output dividers on the ADF4382 allow a complete output frequency
range to be generated from 687.5 MHz to 22 GHz.
For multiple data converter clock applications, the ADF4382 auto-
matically aligns its output to the input reference edge by including
the output divider in the PLL feedback loop. For applications
that require deterministic delay or delay adjustment capability, a
programmable reference to output delay with <1 ps resolution is
provided. The reference to output delay matching across multiple
devices and over temperature allows predictable and precise multi-
chip alignment.
The simplicity of the ADF4382 block diagram eases development
time with a simplified serial peripheral interface (SPI) register map,
external SYNC input, and repeatable multichip alignment in both
integer and fractional mode.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. ADF4382 Functional Block Diagram


Similar Part No. - ADF4382

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
1Mb / 82P
Microwave Wideband Synthesizer with Integrated VCO
Rev. A
ADF4382ABCCZ AD-ADF4382ABCCZ Datasheet
3Mb / 70P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382ABCCZ AD-ADF4382ABCCZ Datasheet
1Mb / 82P
Microwave Wideband Synthesizer with Integrated VCO
Rev. A
ADF4382ABCCZ-RL7 AD-ADF4382ABCCZ-RL7 Datasheet
3Mb / 70P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results

Similar Description - ADF4382

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
REV. A
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. C to Rev D
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
Microwave Wideband Synthesizer Integrated VCO
ADF4372 AD-ADF4372 Datasheet
849Kb / 47P
Microwave Wideband Synthesizer with Integrated VCO
8/2019-Revision 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com