Electronic Components Datasheet Search
  English  ▼

X  

S5935 Datasheet(PDF) 33 Page - Applied Micro Circuits Corporation

Part # S5935
Description  PCI Product
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5935 Datasheet(HTML) 33 Page - Applied Micro Circuits Corporation

Back Button S5935 Datasheet HTML 29Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 30Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 31Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 32Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 33Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 34Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 35Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 36Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 37Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 204 page
background image
S5935 – PCI Product
Revision 1.02 – June 27, 2006
AMCC Confidential and Proprietary
DS1527
33
Data Book
PCI Configuration Space Header
BIST
00
04
08
0C
10
14
18
1C
20
24
28
2C
30
34
38
3C
31
23
24
16 15
8 7
LATENCY TIMER
INTERRUPT PIN
MIN_GNT
MAX_LAT
INTERRUPT LINE
EXPANSION ROM BASE ADDRESS
HEADER TYPE = 0
BASE ADDRESS REGISTER #0
BASE ADDRESS REGISTER #1
BASE ADDRESS REGISTER #2
BASE ADDRESS REGISTER #3
BASE ADDRESS REGISTER #4
BASE ADDRESS REGISTER #5
RESERVED = 0's
RESERVED = 0's
RESERVED = 0's
RESERVED = 0's
REV ID
CACHE LINE SIZE
VENDOR ID
COMMAND
DEVICE ID
CLASS CODE
STATUS
00
LEGEND
Note:
Some registers are a combination of the above. See individual sections
for full description.
EPROM IS DATA SOURCE (READ ONLY)
CONTROL FUNCTION
EPROM INITIALIZED RAM (CAN BE ALTERED FROM PCI PORT)
EPROM INITIALIZED RAM (CAN BE ALTERED FROM ADD-ON PORT)
HARD-WIRED TO ZEROES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com