Electronic Components Datasheet Search
  English  ▼

X  

S5935 Datasheet(PDF) 77 Page - Applied Micro Circuits Corporation

Part # S5935
Description  PCI Product
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5935 Datasheet(HTML) 77 Page - Applied Micro Circuits Corporation

Back Button S5935 Datasheet HTML 73Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 74Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 75Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 76Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 77Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 78Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 79Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 80Page - Applied Micro Circuits Corporation S5935 Datasheet HTML 81Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 204 page
background image
S5935 – PCI Product
Revision 1.02 – June 27, 2006
AMCC Confidential and Proprietary
DS1527
77
Data Book
ADD-ON INCOMING MAILBOX REGISTERS (AIMBX)
Register Names
Add-On Incoming Mailboxes
1-4
These four DWORD registers provide a method for receiving
data, commands, or command parameters from the PCI
interface. Add-On read operations to these registers may be
in any width (byte, word, or DWORD). These registers are
read-only. Writes to this address space have no effect.
Reading from one of these registers can optionally cause a
PCI bus interrupt (if desired) when the PCI interrupt control/
status register is properly configured.
Add-On Address Offset
00h, 04h, 08h, 0Ch
Power-up value
XXXXXXXXh
Attribute
Read Only
Size
32 bits
ADD-ON OUTGOING MAILBOX REGISTERS (AOMBX)
Register Names
Add-On Outgoing Mailboxes
1-4
These four DWORD registers provide a method for sending
data, commands, or command parameters or status to the
PCI interface. Add-On write operations to these registers
may be in any width (byte, word, or DWORD). These regis-
ters may also be read. Writing to one of these registers can
optionally cause a PCI bus interrupt (if desired) when the
PCI interrupt control/status register is properly configured.
Mailbox 4, byte 3 only exists as device pins on the S5935
device when used with a serial nonvolatile memory. This
byte is not available if a byte-wide nv memory is used.
Add-On Address Offset
10h, 14h, 18h, 1Ch
Power-up value
XXXXXXXXh
Attribute
Read/Write
Size
32 bits
ADD-ON FIFO REGISTER PORT (AFIFO)
Register Name
Add-On FIFO Port
This location provides access to the bidirectional FIFO. Separate registers are
involved when reading and writing to this location. Accordingly, it is not possible
to read what was written to this location. The sequence of filling and emptying
this FIFO is established by the PCI interface interrupt control and Status Regis-
ter.
The FIFO’s fullness may be observed by reading the master control/status regis-
ter or AGCSTS register Additionally, two signal pins are provided which reveal
whether data is available (RDEMPTY) or space to write into the FIFO is available
(WRFULL). These signals may be used to interface with user supplied DMA
logic. Caution must be exercised when using these flags for FIFO transfers
involving 64 bit endian conversion since the FIFO must operate on DWORD
pairs.
Add-On Address
Offset
20h
Power-up value
XXXXXXXXh
Attribute
Read/Write
Size
32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com