Electronic Components Datasheet Search
  English  ▼

X  

440GP Datasheet(PDF) 18 Page - Applied Micro Circuits Corporation

Part # 440GP
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GP Datasheet(HTML) 18 Page - Applied Micro Circuits Corporation

Back Button 440GP Datasheet HTML 14Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 15Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 16Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 17Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 18Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 19Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 20Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 21Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 22Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
18
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
Signal Lists
The following table lists all the external signals in alphabetical order and shows the ball (pin) number on which the
signal appears. Multiplexed signals are shown with the default signal (following reset) not in brackets and the
alternate signal in brackets. Multiplexed signals appear alphabetically multiple times in the list—once for each
signal name on the ball. The page number listed gives the page in “Signal Functional Description” on page 48
where the signals in the indicated interface group begin. In cases where signals in the same interface group (for
example, Ethernet) have different names to distinguish variations in the mode of operation, the names are
separated by a comma with the primary name appearing first. These signals are listed only once, and appear
alphabetically by the primary name.
Signals Listed Alphabetically (Sheet 1 of 22)
Signal Name
Ball
Interface Group
Page
AGND
J01
Power—Analog ground
54
AGND
J24
AGND
AA11
AMVDD
AB11
Power—MemClkOut PLL analog voltage
54
APVDD
G01
Power—PCI-X PLL analog voltage
54
ASVDD
G24
Power—SysClk PLL analog voltage
54
BA0
AA16
DDR SDRAM
49
BA1
AD09
BankSel0
AB15
DDR SDRAM
49
BankSel1
W14
BankSel2
AD11
BankSel3
AD05
[BE0]PCIXC0
F14
PCI-X
48
[BE1]PCIXC1
E16
[BE2]PCIXC2
C19
[BE3]PCIXC3
F20
[BE4]PCIXC4
C08
[BE5]PCIXC5
C03
[BE6]PCIXC6
G09
[BE7]PCIXC7
F09
BusReq
AA24
External Master Peripheral
51
CAS
AB05
DDR SDRAM
49
ClkEn0
AD17
DDR SDRAM
49
ClkEn1
AB10
ClkEn2
Y09
ClkEn3
W09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com