Electronic Components Datasheet Search
  English  ▼

X  

440GP Datasheet(PDF) 76 Page - Applied Micro Circuits Corporation

Part # 440GP
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GP Datasheet(HTML) 76 Page - Applied Micro Circuits Corporation

Back Button 440GP Datasheet HTML 72Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 73Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 74Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 75Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 76Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 77Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 78Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 79Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 80Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
76
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
In the following examples, the data strobes (DQS) and the data are shown to be coincident. There is actually a
slight skew as specified by the SDRAM specifications, and there can be additional skew due to loading and signal
routing. It is recommended that the signal length for all of the eight DQS signals be matched.
I/O Timing—DDR SDRAM TSIN and TDIN
Notes:
1. TSIN = Delay from DQS at package pin to C on Stage 1 FF.
2. TDIN = Delay from data at package pin to D on Stage 1 FF.
3. The time values for TSIN include 1/4 of a cycle at the indicated clock speed.
Clock Speed (MHz)
Signal Name
TSIN (ns)
minimum
TSIN (ns)
maximum
Signal Name
TDIN (ns)
minimum
TDIN (ns)
maximum
133
DQS0
2.775
3.775
MemData00:07
1.0
2.0
133
DQS1
2.775
3.775
MemData08:15
1.0
2.0
133
DQS2
2.775
3.775
MemData16:23
1.0
2.0
133
DQS3
2.775
3.775
MemData24:31
1.0
2.0
133
DQS4
2.775
3.775
MemData32:39
1.0
2.0
133
DQS5
2.775
3.775
MemData40:47
1.0
2.0
133
DQS6
2.775
3.775
MemData48:55
1.0
2.0
133
DQS7
2.775
3.775
MemData56:63
1.0
2.0
133
DQS8
2.775
3.775
ECC0:7
1.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com