Electronic Components Datasheet Search
  English  ▼

X  

440GP Datasheet(PDF) 75 Page - Applied Micro Circuits Corporation

Part # 440GP
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GP Datasheet(HTML) 75 Page - Applied Micro Circuits Corporation

Back Button 440GP Datasheet HTML 71Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 72Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 73Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 74Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 75Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 76Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 77Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 78Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 79Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
75
Revision 1.07 – October 4, 2007
Data Sheet
DDR SDRAM MemClkOut0 and Read Clock Delay
In operation, following the receipt of an address and read command from the PPC440GP, the SDRAM generates
data and the DQS signals coincident with MemClkOut0. The data is latched into the PPC440GP using a DQS
signal that is delayed 1/4 of a cycle. In order to accommodate timing variations introduced by the system designs
using this chip, the three-stage data path shown below is used to eliminate metastability and allow data sampling to
be adjusted for minimum latency. This adjustment requires programming the Read Clock delay and the selection of
Stage 1, Stage 2, or Stage 3 data for sampling at RDSP.
DDR SDRAM Read Data Path
Read Clock
PLB Clk
MemClkOut0(0)
TMD
TRD
TMDmin =
TMDmax =
TRDmin =
TRDmax =
850ps
2600ps
300ps
0ps
Stage 1
Stage 2
Stage 3
RDSP
PLB bus
FF,
FF
FF
FF
Data
Read Select
(SDRAM0_TR1)
DQS
1/4
Cycle
Delay
PLB Clock
Programmed
Delay
D
C
Package pins
Mux
Read Clock
C
C
C
D
D
D
FF Timing:
TIS = Input setup time = 0.2ns
TIH = Input hold time = 0.1ns
TP = Propagation delay (D to Q or C to Q) =
XL
ECC
FF: Flip-Flop
XL: Transparent Latch
Q
Q
Q
Q
0.6ns maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com