Electronic Components Datasheet Search
  English  ▼

X  

440GP Datasheet(PDF) 46 Page - Applied Micro Circuits Corporation

Part # 440GP
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GP Datasheet(HTML) 46 Page - Applied Micro Circuits Corporation

Back Button 440GP Datasheet HTML 42Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 43Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 44Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 45Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 46Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 47Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 48Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 49Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 50Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
46
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
Signal Description
The PPC440GP embedded controller is provided in a 552-ball, ball grid array package. The following tables
describe the package level pinout.
In the table “Signal Functional Description” on page 48, each I/O signal is listed along with a short description of its
function. Active-low signals (for example, RAS) are marked with an overline. Please see “Signals Listed
Alphabetically” on page 18 for the pin (ball) number to which each signal is assigned.
Multiplexed Signals
Some signals are multiplexed on the same pin so that the pin can be used for different functions. In most cases,
the signal names shown in this table are not accompanied by signal names that may be multiplexed on the same
pin. If you need to know what, if any, signals are multiplexed with a particular signal, look up the name in “Signals
Listed Alphabetically” on page 18. It is expected that in any single application a particular pin will always be
programmed to serve the same function. The flexibility of multiplexing allows a single chip to offer a richer pin
selection than would otherwise be possible.
Multipurpose Signals
In addition to multiplexing, some pins are also multi-purpose. For example, the EBC peripheral controller address
pins (PerAddr00:31) are used as outputs by the PPC440GP to broadcast an address to external slave devices
when the PPC440GP has control of the external bus. When during the course of normal chip operation an external
master gains ownership of the external bus, these same pins are used as inputs which are driven by the external
master and received by the EBC in the PPC440GP. In this example, the pins are also bidirectional, serving both as
inputs and outputs.
Multimode Signals
In some cases (for example, Ethernet) the function of a pin may vary with different modes of operation. When a pin
has multiple signal names assigned to distinguish different modes of operation, all of the names are shown.
Pin Summary
Group
No. of Pins
Signal pins, non-multiplexed
347
Signal pins, multiplexed
57
Total Signal Pins
404
AxVDD
3
AGnd
3
OVDD
27
SVDD
9
VDD
34
Gnd
70
Total Power Pins
146
Reserved
2
Total Pins
552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com