Electronic Components Datasheet Search
  English  ▼

X  

440GP Datasheet(PDF) 55 Page - Applied Micro Circuits Corporation

Part # 440GP
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GP Datasheet(HTML) 55 Page - Applied Micro Circuits Corporation

Back Button 440GP Datasheet HTML 51Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 52Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 53Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 54Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 55Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 56Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 57Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 58Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 59Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
55
Revision 1.07 – October 4, 2007
Data Sheet
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause
permanent damage to the device. None of the performance specification contained in this document are guaranteed when
operating at these maximum ratings.
Characteristic
Symbol
Value
Unit
Notes
Supply Voltage (Internal Logic)
VDD
0 to +1.95
V
Supply Voltage (I/O Interface, except DDR SDRAM)
OVDD
0 to +3.6
V
PLL Supply Voltages
AxVDD
0 to +1.95
V
1
Supply Voltage (DDR SDRAM Logic)
SVDD
0 to +2.7
V
Input Voltage (3.3V LVTTL receivers)
VIN
0 to +3.6
V
Input Voltage (5.0V LVTTL receivers)
VIN
0 to +5.5
V
Storage Temperature Range
TSTG
-55 to +150
°C
Case Temperature under bias
TC
-40 to +120
°C2
Notes:
1. The analog voltages used for the on-chip PLLs can be derived from the logic voltage, but must be filtered before entering the
PPC440GP. A separate filter, as shown below, is recommended for each voltage:
2. This value is not a specification of the operational temperature range; it is a stress rating only.
VDD
C
AxVDD
L
L – SMT ferrite bead chip, Murata BLM31A700S or equivalent.
C – 0.1
μF ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com