Electronic Components Datasheet Search
  English  ▼

X  

440GP Datasheet(PDF) 56 Page - Applied Micro Circuits Corporation

Part # 440GP
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GP Datasheet(HTML) 56 Page - Applied Micro Circuits Corporation

Back Button 440GP Datasheet HTML 52Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 53Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 54Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 55Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 56Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 57Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 58Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 59Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 60Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
56
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
Package Thermal Specifications
Thermal resistance values for the CBGA and PBGA packages in a convection environment are as follows:
Parameter
Symbol
Package
Airflow
ft/min (m/sec)
Unit
Notes
0 (0)
100 (0.51)
200 (1.02)
Junction-to-case thermal resistance
θ
JC
Ceramic
<0.1
<0.1
<0.1
°C/W
1
Plastic
1.2
1.2
1.2
°C/W
1, 3
Case-to-ambient thermal resistance (w/o heat
sink)
θ
CA
Ceramic
18.9
17.7
16.3
°C/W
2
Plastic
20.8
°C/W
2, 3
Junction-to-ball (typical)
θ
JB
Ceramic
°C/W
Plastic
8.0
°C/W
3
Notes:
1. Case temperature, TC, is measured at top center of case surface with device soldered to circuit board.
2. The case-to-ambient thermal resistance is measured in a JEDEC JESD51-6 standard environment; and may not accurately predict
thermal performance in production equipment environments. The operational case temperature must be maintained.
3. Modeled on standard JEDEC 2S2P card, 50x50mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com