Electronic Components Datasheet Search
  English  ▼

X  

YMF795 Datasheet(PDF) 13 Page - YAMAHA CORPORATION

Part # YMF795
Description  APL-2 Automobile sound Player-2
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF795 Datasheet(HTML) 13 Page - YAMAHA CORPORATION

Back Button YMF795 Datasheet HTML 9Page - YAMAHA CORPORATION YMF795 Datasheet HTML 10Page - YAMAHA CORPORATION YMF795 Datasheet HTML 11Page - YAMAHA CORPORATION YMF795 Datasheet HTML 12Page - YAMAHA CORPORATION YMF795 Datasheet HTML 13Page - YAMAHA CORPORATION YMF795 Datasheet HTML 14Page - YAMAHA CORPORATION YMF795 Datasheet HTML 15Page - YAMAHA CORPORATION YMF795 Datasheet HTML 16Page - YAMAHA CORPORATION YMF795 Datasheet HTML 17Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
YMF795
-13-
Rest data
Default: 0000h
Index
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
$00h
0
0
1
1
0
0
CH1 CH0
VCHE TI3
TI2
TI1
TI0
VCH2 VCH1VCH0
CH1 - CH0 : Part setting
Using CH1 or 0 bit, set the part of each rest.
CH[1:0]
Part designation
00b
0
01b
1
10b
2
11b
3
TI3 - TI0 : Interval setting
These bits are used to set the interval time before the processing of the next note and rest.
The interval “48” represents the time for the whole note.
The following table is exactly the same as that for the note data.
TI [3:0]
Interval
0h
3
1h
2
2h
3
3h
4
4h
6
5h
8
6h
9
7h
12
8h
18
9h
24
Ah
48
Bh
1
Ch
16
Dh
24
Eh
36
Fh
48
VCHE, VCH2 – VCH0 : Timbre change function
Although the maximum number of timbres that can be simultaneously used is four, the timbre can be changed during
sound reproduction by setting these bits. Set VCHE to “1” and set a timbre number by using VCH2 to VCH0.
Switching of timbre in rest data is made according to the designated time of the sequence data. After the next note to
generate, the timbre in a part specified by CH0 and CH1 will be changed.
Make the change of a timbre after sound generation of a part to change is completely stopped.
The state at which sound generation is completely stopped is not a state where TK (sound length) is ended but a state
where release time of envelope is completed.
Note that unusual sound may be instantaneously generated if switching the timbre while sound generation is not
completely stopped.
If the timbre allocation is changed by using this function, the $30h register itself will be rewritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com