Electronic Components Datasheet Search
  English  ▼

X  

YMF795 Datasheet(PDF) 35 Page - YAMAHA CORPORATION

Part # YMF795
Description  APL-2 Automobile sound Player-2
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF795 Datasheet(HTML) 35 Page - YAMAHA CORPORATION

Back Button YMF795 Datasheet HTML 31Page - YAMAHA CORPORATION YMF795 Datasheet HTML 32Page - YAMAHA CORPORATION YMF795 Datasheet HTML 33Page - YAMAHA CORPORATION YMF795 Datasheet HTML 34Page - YAMAHA CORPORATION YMF795 Datasheet HTML 35Page - YAMAHA CORPORATION YMF795 Datasheet HTML 36Page - YAMAHA CORPORATION YMF795 Datasheet HTML 37Page - YAMAHA CORPORATION YMF795 Datasheet HTML 38Page - YAMAHA CORPORATION YMF795 Datasheet HTML 39Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
YMF795
-35-
■Sound Quality Correction Circuit
Sound quality and Gain can be corrected by using an external circuit connected to EQ1 to 3 pins.
The internal circuit configuration of EQ1 to 3 pin and example of the external circuit are as follows.
Gain and filter characteristic can be controlled by a value of C1, C2, R1, and R2.
Gain = R2 / R1. The recommended values: R1 = 22 k
Ω and R2 = 82 kΩ (Gain = 3.7 times).
Filter cutoff frequency of f1 and f2 is:
f1 = 1/ (2π×R1×C1).
f2 = 1/ (2π×R2×C2).
If C1 = 0.022 µF and C2 = 120 pF, the cutoff frequency of f1 = 330 Hz and f2 = 16 kHz.
Moreover, the circuit enclosed with the dotted line is required when mixing with analog signal from AIN is desired.
The level adjustment for mixing depends on the resistance ratio R2/Rx of Rx and R2.
The value of Rx should be 82 kΩ when mixing of amplitude of one time is required.
f1
f2
Gain1
Gain1 -3dB
Gain
Freq
+
VREF
-
EQ2
EQ3
FM
VOL
EQ1
R1
R2
C2
C1
Rx
C3
AIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com