Electronic Components Datasheet Search
  English  ▼

X  

YMF795 Datasheet(PDF) 16 Page - YAMAHA CORPORATION

Part # YMF795
Description  APL-2 Automobile sound Player-2
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF795 Datasheet(HTML) 16 Page - YAMAHA CORPORATION

Back Button YMF795 Datasheet HTML 12Page - YAMAHA CORPORATION YMF795 Datasheet HTML 13Page - YAMAHA CORPORATION YMF795 Datasheet HTML 14Page - YAMAHA CORPORATION YMF795 Datasheet HTML 15Page - YAMAHA CORPORATION YMF795 Datasheet HTML 16Page - YAMAHA CORPORATION YMF795 Datasheet HTML 17Page - YAMAHA CORPORATION YMF795 Datasheet HTML 18Page - YAMAHA CORPORATION YMF795 Datasheet HTML 19Page - YAMAHA CORPORATION YMF795 Datasheet HTML 20Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
YMF795
-16-
SL3 - SL0 : Sustain level setting
The Sustain Level, in the case of decaying sound, is the transition level from the Decay Rate to the Release Rate, and
in the case of sustained sound, is a level held.
SL
SL3
SL2
SL1
SL0
Weighted bit (dB)
-24
-12
-6
-3
AR[3:0]
DR[3:0]
RR[3:0]
Attack rate
-48 to 0dB (ms)
Decay Rate,
Release Rate
0 to -48dB (ms)
Fh
0
2.23
Eh
4.65
8.94
Dh
9.30
17.88
Ch
18.59
35.76
Bh
37.19
71.52
Ah
74.38
143.04
9h
148.76
286.07
8h
297.51
572.14
7h
595.03
1144.25
6h
1190.05
2288.56
5h
2380.10
4577.12
4h
4760.21
9154.25
3h
9520.42
18308.50
2h
19040.84
36617.00
1h
∞
∞
0h
∞
∞
TL5 - TL0 : Total level setting
This function is used to set the envelope level.
TL
TL5
TL4
TL3
TL2
TL1
TL0
Weighted bit (dB)
-24
-12
-6
-3
-1.5
-0.75
SUS : Sustain On/OFF setting
“0” : OFF
“1” : ON The Release Rate changes to “6” (2.29s) when the sound length comes to the end.
WAV : Waveform selection
The modulator and carrier can generate a sine wave; however, can generate a half-wave rectified waveform by setting
this bit. Setting this bit allows creation using wider timbres.
“0” : Sine wave
“1” : Half-wave rectified waveform of a sine wave.
FL2 - FL0 : Feed-back setting
This function is available only for the operator of Modulator. These bits specify the feedback modulation depth.
Be sure to set “0” to the operator of the carrier side. This is effective function for generating the strings timbres.
FL [2:0]
0
1
2
3
4
5
6
7
Modulation rate
0
π/16
π/ 8
π/ 4
π/ 2
π
2π
4π
WAV=0
WAV=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com