Electronic Components Datasheet Search
  English  ▼

X  

YMF795 Datasheet(PDF) 18 Page - YAMAHA CORPORATION

Part # YMF795
Description  APL-2 Automobile sound Player-2
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF795 Datasheet(HTML) 18 Page - YAMAHA CORPORATION

Back Button YMF795 Datasheet HTML 14Page - YAMAHA CORPORATION YMF795 Datasheet HTML 15Page - YAMAHA CORPORATION YMF795 Datasheet HTML 16Page - YAMAHA CORPORATION YMF795 Datasheet HTML 17Page - YAMAHA CORPORATION YMF795 Datasheet HTML 18Page - YAMAHA CORPORATION YMF795 Datasheet HTML 19Page - YAMAHA CORPORATION YMF795 Datasheet HTML 20Page - YAMAHA CORPORATION YMF795 Datasheet HTML 21Page - YAMAHA CORPORATION YMF795 Datasheet HTML 22Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
YMF795
-18-
$33h Clock selection
Default: 0000h
Index
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
$33h
0
0
0
0
0
0
0
0
0
0
0
0
0
CLKSEL
This register is used to set the clock frequency inputted through CLK_I pin when making the clock setting in the
preset mode.
A clock with any frequency can be input during the reset period.
(For details of the clock setting, see “On clock frequency setting” (page 24)).
CKSEL [2:0]
Clock frequency (MHz)
0h(*)
2.688
1h
19.200
2h
19.680
3h
19.800
4h
8.400
5h
14.400
6h
27.821
7h
12.600
(*)When clock is set in the programmable mode, set CLKSEL[2:0] to “0h”.
$34h Interrupt control
Default: 0000h
Index
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
$34h
0
0
0
0
0
0
0
0
0
0
IRQE
IRQ point
The musical score data is taken into the FIFO which has a capacity for 32 data. As the sounds are reproduced, the data in
FIFO are processed and deleted. And when the amount of data remaining in FIFO becomes less than the setting value of
IRQ point, an interrupt signal is generated. At this point, set “0” to IRQE and then write the subsequent musical score
data into FIFO.
Be sure to write data in excess of the IRQ point. After writing the data, reset IRQE to “1” and wait another interrupt
signal.
IRQ point can be set in 32 ways from 0 (empty) to 31 (1 data vacancy).
IRQE is the interrupt enable bit. “1” indicates Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com