Electronic Components Datasheet Search
  English  ▼

X  

YMF795 Datasheet(PDF) 3 Page - YAMAHA CORPORATION

Part # YMF795
Description  APL-2 Automobile sound Player-2
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF795 Datasheet(HTML) 3 Page - YAMAHA CORPORATION

  YMF795 Datasheet HTML 1Page - YAMAHA CORPORATION YMF795 Datasheet HTML 2Page - YAMAHA CORPORATION YMF795 Datasheet HTML 3Page - YAMAHA CORPORATION YMF795 Datasheet HTML 4Page - YAMAHA CORPORATION YMF795 Datasheet HTML 5Page - YAMAHA CORPORATION YMF795 Datasheet HTML 6Page - YAMAHA CORPORATION YMF795 Datasheet HTML 7Page - YAMAHA CORPORATION YMF795 Datasheet HTML 8Page - YAMAHA CORPORATION YMF795 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
YMF795
-3-
■General Description of YMF795
YMF795 is controlled through the serial interface.
Internal configuration the LSI has is shown below.
Data inputted to the serial interface is converted into the parallel data and transferred to each function block according
to its index address.
The musical score data is stored in the 32-word FIFO first and then transferred to the sequencer which interprets data
to control sound generation of the FM synthesizer.
The timbre register is where up to 8 timbre data can be stored.
And, as the sequencer controlling register, registers for start/stop and tempo are provided.
In order to have sound generate, the following controls must be performed to this LSI.
1) Initial status setting (cancellation of power-down, clock selection, etc).
2) Timbre data setting.
3) Writing of the musical score data into FIFO before starting the sequence.
4) To write the next musical score data write before the FIFO becomes empty, and to receive the interrupt signal
from FIFO during reproduction.
(For the details, refer to “Settings and procedure required for a piece generation” (P.24).
Serial
interface
FIFO
32word
/IRQ
Sequencer
FM
Synthesizer
D/A +
Volume
AMP
Timbre
register
Musical score
data
Tempo
START/STOP
Timbre allocation
Timbre Data
Volume, power management, etc.
SDIN
SYNC
SCLK
SPOUT
HPOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com