Electronic Components Datasheet Search
  English  ▼

X  

YMF795 Datasheet(PDF) 33 Page - YAMAHA CORPORATION

Part # YMF795
Description  APL-2 Automobile sound Player-2
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF795 Datasheet(HTML) 33 Page - YAMAHA CORPORATION

Back Button YMF795 Datasheet HTML 29Page - YAMAHA CORPORATION YMF795 Datasheet HTML 30Page - YAMAHA CORPORATION YMF795 Datasheet HTML 31Page - YAMAHA CORPORATION YMF795 Datasheet HTML 32Page - YAMAHA CORPORATION YMF795 Datasheet HTML 33Page - YAMAHA CORPORATION YMF795 Datasheet HTML 34Page - YAMAHA CORPORATION YMF795 Datasheet HTML 35Page - YAMAHA CORPORATION YMF795 Datasheet HTML 36Page - YAMAHA CORPORATION YMF795 Datasheet HTML 37Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
YMF795
-33-
■Volume level Adjustment in monophonic sound and 4-sound generation
The volume level outputted from DAC varies depending on the number of the pronunciation.
When one tone (*) is output from the FM sound source, output voltage amplitude from DAC becomes 0.4125 Vp-p.
When multiple sounds are pronounced at the same time, output voltage amplitude varies depending on phase of each
waveform, but when the waveforms with the same phase are overlapped, it becomes 0.825 Vp-p in 2-tone, 1.2375
Vp-p in 3-tone, and 1.65 Vp-p in 4-tone.
(*: This explanation is made on the assumption that volume adjustment (Total Level of Carrier) of one tone is 0 dB.)
An assumption of 300 mW output.
Output power of 300 mW can be obtained from the speaker when RL is 8 Ω and a voltage between SPOUT1 and
2 is 1.55 Vrms.
At this time, BTL output amplitude becomes 1.55×2×1.414=4.38 Vp-p, and EQ3 pin is 4.38/3.8=1.15 Vp-p.
(Gain with the speaker amplifier is +11.6 dB= 3.8 times.)
Assurance of volume level in monophonic sound.
“Gain adjustment in the EQ amplifier section” is recommended as a way to assure the volume level in
monophonic sound.
The Gain depends on the resistance ratio between R1 and R2, and Gain is equal to R2/R1.
The Gain of 3 times to 4 times is recommended.
+ -
DAC
R1
VREF
FM
VOL
HP
VOL
HPOUT
EQ1
EQ2
EQ3
R2
SP
VOL
BTL Driver
+11.6dB
SPOUT1
SPOUT2
RL=8Ω
FM
sound source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com