Electronic Components Datasheet Search
  English  ▼

X  

SC606 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC606
Description  Low Noise Smart LED Driver with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC606 Datasheet(HTML) 4 Page - Semtech Corporation

  SC606 Datasheet HTML 1Page - Semtech Corporation SC606 Datasheet HTML 2Page - Semtech Corporation SC606 Datasheet HTML 3Page - Semtech Corporation SC606 Datasheet HTML 4Page - Semtech Corporation SC606 Datasheet HTML 5Page - Semtech Corporation SC606 Datasheet HTML 6Page - Semtech Corporation SC606 Datasheet HTML 7Page - Semtech Corporation SC606 Datasheet HTML 8Page - Semtech Corporation SC606 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC606
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
n
e
e
w
t
e
B
e
m
i
T
e
e
r
F
-
s
u
B
T
R
A
T
S
d
n
a
P
O
T
S
t
F
U
B
3
.
1s
µ
e
m
i
T
p
u
-
t
r
a
t
S
e
c
a
f
r
e
t
n
I
t
N
E
(
e
m
i
T
p
u
-
t
r
a
t
S
s
u
B
d
e
ll
u
p
s
i
N
E
r
e
tf
a)
h
g
i
h
0
5
3s
µ
Electrical Characteristics (Cont.)
Notes:
1) I
LEDn = any LED’s current from D1, D2, D3, D4, D5 and D6.
2) Guaranteed by design.
3) Maximum total of LED currents not to exceed 120mA.
4) X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com