Electronic Components Datasheet Search
  English  ▼

X  

SC606 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC606
Description  Low Noise Smart LED Driver with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC606 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC606 Datasheet HTML 5Page - Semtech Corporation SC606 Datasheet HTML 6Page - Semtech Corporation SC606 Datasheet HTML 7Page - Semtech Corporation SC606 Datasheet HTML 8Page - Semtech Corporation SC606 Datasheet HTML 9Page - Semtech Corporation SC606 Datasheet HTML 10Page - Semtech Corporation SC606 Datasheet HTML 11Page - Semtech Corporation SC606 Datasheet HTML 12Page - Semtech Corporation SC606 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC606
I2C Communication
The SC606 interface uses a limited version of the combined
format protocol as described in the Phillips I2C Bus Specification
version 2.1. With this format, the Start condition and the Slave
Address are both repeated. Data formatting must be a single byte
only. Note that the SC606 can only operate on an I2C bus using
the limited combined format protocol. If any other I2C data
formatting is used on the bus the SC606 may exhibit false
acknowleges to the commands. The I2C Slave Address is
1100110. I2C Fast Mode is supported at 400kbit/s. For more
information about the I2C combined protocol refer to the I2C Bus
Specification from Philips Semiconductors.
Slave Address
Following a start condition, the bus master outputs the address
of a slave device. The 7 bit slave address for the SC606 is
1100110. The address is followed by a least significant bit (LSB).
The LSB determines the data direction.
Data Formatting
Write Format
Write Format
Write Format
Write Format
Write Format
Read Format
Read Format
Read Format
Read Format
Read Format
S :
Start Condition
W :
‘0’ = Write
R :
‘1’ = Read
A :
Acknowledge, sent by slave
B :
Acknowledge, sent by master
Sr :
Repeated Start Condition
P :
Stop Condition
Slave Address:
7 bit
Register Address:
8 bit
Data:
8 bit
Applications Information (Cont.)
Ss
s
e
r
d
d
A
e
v
a
l
SW
A
e
t
y
B
1
s
s
e
r
d
d
A
r
e
t
s
i
g
e
R
Ar
Ss
s
e
r
d
d
A
e
v
a
l
SW
A
y
l
n
O
e
t
y
B
1
a
t
a
D
n
AP
Ss
s
e
r
d
d
A
e
v
a
l
SW
A
e
t
y
B
1
s
s
e
r
d
d
A
r
e
t
s
i
g
e
R
Ar
Ss
s
e
r
d
d
A
e
v
a
l
SR
A
y
l
n
O
e
t
y
B
1
a
t
a
D
n
BP
B
S
M
B
S
L
1
1
00
11
0
W
/
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com