Electronic Components Datasheet Search
  English  ▼

X  

SC606 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC606
Description  Low Noise Smart LED Driver with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC606 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC606 Datasheet HTML 8Page - Semtech Corporation SC606 Datasheet HTML 9Page - Semtech Corporation SC606 Datasheet HTML 10Page - Semtech Corporation SC606 Datasheet HTML 11Page - Semtech Corporation SC606 Datasheet HTML 12Page - Semtech Corporation SC606 Datasheet HTML 13Page - Semtech Corporation SC606 Datasheet HTML 14Page - Semtech Corporation SC606 Datasheet HTML 15Page - Semtech Corporation SC606 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC606
Typical Characteristics
Ripple in 1x Mode for 6 LEDs at 20mA
Startup
1.33MHz Ripple in 1.5x Mode for 6 LEDs at 20mA
250kHz Ripple in 1.5x Mode for 6 LEDs at 20mA
Ch1 50mV/DIV
Ch2 50mV/DIV
Ch3 2V/DIV
Ch4 100mA/DIV
400 ns/DIV
Ch1 50mV/DIV
Ch2 50mV/DIV
Ch3 2V/DIV
Ch4 100mA/DIV
400 ns/DIV
Ch1 50mV/DIV
Ch2 50mV/DIV
Ch3 2V/DIV
Ch4 100mA/DIV
2 us/DIV
Ch1 1V/DIV
Ch2 1V/DIV
Ch3 5V/DIV
Ch4 500mA/DIV
100 us/DIV
Efficiency for 6 LEDs at 20mA and 3.31V
Efficiency for 6 LEDs at 10mA and 3.31V
50
60
70
80
90
100
3.2
3.4
3.6
3.8
4
4.2
Input Voltage [V]
TA = 25°C
50
60
70
80
90
100
3.2
3.4
3.6
3.8
4
4.2
Input Voltage [V]
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com