Electronic Components Datasheet Search
  English  ▼

X  

SC606 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC606
Description  Low Noise Smart LED Driver with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC606 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC606 Datasheet HTML 10Page - Semtech Corporation SC606 Datasheet HTML 11Page - Semtech Corporation SC606 Datasheet HTML 12Page - Semtech Corporation SC606 Datasheet HTML 13Page - Semtech Corporation SC606 Datasheet HTML 14Page - Semtech Corporation SC606 Datasheet HTML 15Page - Semtech Corporation SC606 Datasheet HTML 16Page - Semtech Corporation SC606 Datasheet HTML 17Page - Semtech Corporation SC606 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC606
ITEM
QUANTITY
REFERENCE
PART
________________________________________________________________________
1
4
C1,C2,C3,C4
1UF X5R
2
1
C5
4.7UF
3
1
C7
.1UF
4
1
C11
10UF
5
6
D1,D2,D3,D4,D5,D6
LED_1206 NICHIA NSCW100
6
1
D7
USB POWER
7
1
F1
1A
8
12
JP1,JP2,JP3,JP4,JP5,JP6,
2PIN JUMPER
JP9,JP10,JP11,JP12,JP13,
JP14
9
1
JP8
3PIN JUMPER
10
1
J1
BATTERY INPUT
11
6
R1,R2,R3,R4,R5,R6
1OHM
12
1
R7
7.5K
13
1
R8
150
14
5
TP5,TP6,TP7,TP8,TP22
GND
15
1
TP11
A2
16
1
TP12
A1
17
1
TP13
SDA
18
1
TP14
SCL
19
1
TP15
EN
20
1
TP16
VOUT
21
1
TP17
VIN
22
1
TP18
C1-
23
1
TP19
C1+
24
1
TP20
C2-
25
1
TP21
C2+
26
1
TP23
C2
27
1
TP24
C1
28
1
TP25
B2
29
1
TP26
B1
30
1
U1
SC606
31
1
U4
DELCOM 802200
32
1
U5
USB_TYPE-B
33
1
Y1
CERAMIC RES.
6MHZ
Evaluation Board Bill of Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com