Electronic Components Datasheet Search
  English  ▼

X  

SC606 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC606
Description  Low Noise Smart LED Driver with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC606 Datasheet(HTML) 5 Page - Semtech Corporation

  SC606 Datasheet HTML 1Page - Semtech Corporation SC606 Datasheet HTML 2Page - Semtech Corporation SC606 Datasheet HTML 3Page - Semtech Corporation SC606 Datasheet HTML 4Page - Semtech Corporation SC606 Datasheet HTML 5Page - Semtech Corporation SC606 Datasheet HTML 6Page - Semtech Corporation SC606 Datasheet HTML 7Page - Semtech Corporation SC606 Datasheet HTML 8Page - Semtech Corporation SC606 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC606
Pin Configuration
Ordering Information
Pin Descriptions
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
11
A
D
E
L
I
.)
d
e
d
n
u
o
r
g
r
o
n
e
p
o
t
f
e
l
e
b
y
a
m
n
i
p
,
e
s
u
n
i
t
o
n
fl
(
1
A
D
E
L
r
o
f
k
n
i
s
t
n
e
r
r
u
C
2A
D
S.
e
n
il
a
t
a
d
l
a
ir
e
s
l
a
n
o
it
c
e
r
i
d
-i
B
3L
C
S.t
u
p
n
i
k
c
o
l
c
s
u
b
l
a
ir
e
S
4N
E
.
w
o
l
s
i
N
E
n
e
h
w
F
μ
1
.
0
y
ll
a
c
i
p
y
t
s
i
t
n
e
r
r
u
c
s
a
i
B
.
e
l
b
a
n
e
h
g
i
h
e
v
it
c
A
5T
U
O
V
.
d
n
u
o
r
g
o
t
T
U
O
V
m
o
r
f
r
o
ti
c
a
p
a
c
F
μ
1
a
t
c
e
n
n
o
C
.
p
m
u
p
e
g
r
a
h
c
e
h
t
f
o
t
u
p
t
u
O
6N
I
V
e
c
n
a
m
r
o
f
r
e
p
d
e
v
o
r
p
m
i
r
o
F
.
d
n
u
o
r
g
o
t
N
I
V
m
o
r
f
r
o
ti
c
a
p
a
c
F
μ
1
a
t
c
e
n
n
o
C
.
e
g
a
tl
o
v
t
u
p
n
I
.
F
μ
0
1
~
F
μ
7
.
4
o
t
r
o
ti
c
a
p
a
c
e
h
t
e
s
a
e
r
c
n
i
,
e
d
o
m
x
5
.
1
d
n
a
z
H
k
0
5
2
g
n
i
s
u
n
e
h
w
7-
1
C.
1
r
o
ti
c
a
p
a
c
t
e
k
c
u
b
f
o
l
a
n
i
m
r
e
t
e
v
it
a
g
e
N
8+
1
C.
1
r
o
ti
c
a
p
a
c
t
e
k
c
u
b
f
o
l
a
n
i
m
r
e
t
e
v
it
i
s
o
P
9-
2
C.
2
r
o
ti
c
a
p
a
c
t
e
k
c
u
b
f
o
l
a
n
i
m
r
e
t
e
v
it
a
g
e
N
0
1+
2
C.
2
r
o
ti
c
a
p
a
c
t
e
k
c
u
b
f
o
l
a
n
i
m
r
e
t
e
v
it
i
s
o
P
1
1D
N
G.
d
n
u
o
r
G
2
12
C
D
E
L
I
.)
d
e
d
n
u
o
r
g
r
o
n
e
p
o
t
f
e
l
e
b
y
a
m
n
i
p
,
e
s
u
n
i
t
o
n
fl
(
2
C
D
E
L
r
o
f
k
n
i
s
t
n
e
r
r
u
C
3
11
C
D
E
L
I
.)
d
e
d
n
u
o
r
g
r
o
n
e
p
o
t
f
e
l
e
b
y
a
m
n
i
p
,
e
s
u
n
i
t
o
n
fl
(
1
C
D
E
L
r
o
f
k
n
i
s
t
n
e
r
r
u
C
4
12
B
D
E
L
I
.)
d
e
d
n
u
o
r
g
r
o
n
e
p
o
t
f
e
l
e
b
y
a
m
n
i
p
,
e
s
u
n
i
t
o
n
fl
(
2
B
D
E
L
r
o
f
k
n
i
s
t
n
e
r
r
u
C
5
11
B
D
E
L
I
.)
d
e
d
n
u
o
r
g
r
o
n
e
p
o
t
f
e
l
e
b
y
a
m
n
i
p
,
e
s
u
n
i
t
o
n
fl
(
1
B
D
E
L
r
o
f
k
n
i
s
t
n
e
r
r
u
C
6
12
A
D
E
L
I
.)
d
e
d
n
u
o
r
g
r
o
n
e
p
o
t
f
e
l
e
b
y
a
m
n
i
p
,
e
s
u
n
i
t
o
n
fl
(
2
A
D
E
L
r
o
f
k
n
i
s
t
n
e
r
r
u
C
Td
a
P
l
a
m
r
e
h
T
.
s
a
i
v
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
s
e
s
o
p
r
u
p
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
a
P
.
y
ll
a
n
r
e
t
n
i
d
e
t
c
e
n
n
o
c
t
o
N
E
C
I
V
E
DE
G
A
K
C
A
P
)
1
(
T
R
T
L
M
I
A
6
0
6
C
S
)
2
(
6
1
-
4
x
4
P
L
M
B
V
E
A
6
0
6
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
1) Available in tape and reel only. A reel contains 3000 devices.
2) Available in lead-free package only. This product is fully WEEE
and RoHS compliant.
TOP VIEW
1
2
3
4
12
11
10
9
16
15
14
13
567
8
MLP16: 4X4 16 LEAD
T
ILEDA1
SDA
SCL
EN
ILEDC2
GND
C2+
C2-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com