Electronic Components Datasheet Search
  English  ▼

X  

SC606 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC606
Description  Low Noise Smart LED Driver with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC606 Datasheet(HTML) 1 Page - Semtech Corporation

  SC606 Datasheet HTML 1Page - Semtech Corporation SC606 Datasheet HTML 2Page - Semtech Corporation SC606 Datasheet HTML 3Page - Semtech Corporation SC606 Datasheet HTML 4Page - Semtech Corporation SC606 Datasheet HTML 5Page - Semtech Corporation SC606 Datasheet HTML 6Page - Semtech Corporation SC606 Datasheet HTML 7Page - Semtech Corporation SC606 Datasheet HTML 8Page - Semtech Corporation SC606 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
United States Patents: 6,504,422, 6,794,926
www.semtech.com
1
POWER MANAGEMENT
SC606
Low Noise Smart LED
Driver with Serial Interface
Description
August 31, 2006
Applications
Features
The SC606 is a very high efficiency charge pump white/color LED
driver from the mAhXLifeTM family of products. It is optimized for
Li-Ion battery applications. The LED current is regulated to a value
configured by the user through an I2C compatible serial interface.
LED outputs are current-matched for consistent LED brightness.
Up to 6 LEDs are controlled in three zones for brightness control in
multiple displays. The 6 LED outputs are divided into 3 pairs of
LEDs. Each pair has current that is programmable independent of
the other pairs. Any combination of LEDs may be turned on using
the serial interface. The SC606 also has a float detect feature
that disables any current driver during normal operation when an
open-load condition is detected.
Patented low noise switching circuitry and constant output current
allow the use of extremely small input and output capacitors.
Very High Efficiency Over 90% of Battery Life
Current Regulation for 6 LEDs
Current Matching Tolerance of +/- 3.5% from LED to LED
Current Accuracy to +/- 6.5% of Specified Value
Current Range per LED [0.5mA - 32mA]
High Available Total LED Current = 6 I
LED = 120mA
I2C Bus Limited Compatibility SC606
Low Shutdown Current: 0.1μA Typical
Soft-Start /In-rush Current Limiting
Short Circuit /Thermal Protection
MLP-16 [4x4] Package
1.33MHz and 250kHz Programmable Fixed Frequency
Separate Brightness Zones for Multiple Displays
Three Charge Pump Modes of Operation: 1x, 1.5x and 2x
Open LED Output Protection
Cellular Phones
LED Backlighting
PDA Power Supplies
Portable Devices
Electronic Books
Wireless Web Appliances
Typical Application Circuit
C3
1µF
C4
1µF
VBAT
1
2
3
4
9
10
SCL
SDA
EN
C2
1µF
C2-
C2+
GND
ILEDC2
ILEDA1
SDA
SCL
EN
D1
SC606
11
12
C1
1µF
D6
D5
D4
D3
D2
Patent Pending


Similar Part No. - SC606

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC6065 FAIRVIEW-SC6065 Datasheet
511Kb / 3P
RA SMA Male Connector Crimp/Solder Attachment For RG316DS, RG188-DS Cable
REV 2.0
logo
MISUMI Group Inc
SC606ZZ MISUMI-SC606ZZ Datasheet
1Mb / 1P
Stainless Steel Small Deep Groove Ball Bearings
More results

Similar Description - SC606

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1955 LINER-LTC1955 Datasheet
259Kb / 20P
Dual Smart Card Interface with Serial Control
LTC4556 LINER-LTC4556 Datasheet
242Kb / 20P
Smart Card Interface with Serial Control
logo
Semtech Corporation
SC614 SEMTECH-SC614 Datasheet
382Kb / 25P
Low Noise Backlight and Flash Driver With Serial Interface
logo
Analog Devices
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
Texas Instruments
DRV8830 TI-DRV8830 Datasheet
829Kb / 23P
LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
logo
Linear Technology
LTC1955 LINER-LTC1955_15 Datasheet
372Kb / 22P
Dual Smart Card Interface with Serial Control
LTC4556 LINER-LTC4556_15 Datasheet
269Kb / 22P
Smart Card Interface with Serial Control
logo
Texas Instruments
DRV8830 TI-DRV8830_15 Datasheet
1Mb / 25P
LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
DRV8830 TI1-DRV8830_16 Datasheet
487Kb / 22P
Low-Voltage Motor Driver With Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com